Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24ZA50P Datasheet(PDF) 11 Page - Littelfuse

Part # V24ZA50P
Description  Lead?밼ree, Halogen-Free and RoHS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V24ZA50P Datasheet(HTML) 11 Page - Littelfuse

Back Button V24ZA50P Datasheet HTML 6Page - Littelfuse V24ZA50P Datasheet HTML 7Page - Littelfuse V24ZA50P Datasheet HTML 8Page - Littelfuse V24ZA50P Datasheet HTML 9Page - Littelfuse V24ZA50P Datasheet HTML 10Page - Littelfuse V24ZA50P Datasheet HTML 11Page - Littelfuse V24ZA50P Datasheet HTML 12Page - Littelfuse V24ZA50P Datasheet HTML 13Page - Littelfuse V24ZA50P Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Product Dimensions (mm)
Dimen-
sion
V
RMS
Voltage
Model
5mm Size
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
All
-
10 (0.394)
-
12 (0.472)
-
16 (0.630)
-
20 (0.787)
-
26.5
(1.043)
ØD
All
-
7 (0.276)
-
9 (0.354)
-
12.5 (0.492)
-
17 (0.669)
-
23 (0.906)
e
(see notes
below)
All
4 (0.157)
6 (0.236)
4 (0.157)
6 (0.236) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256)
(note 1 below)
8.5 (0.335)
(note 1 below)
e
1
V8ZA-
V56ZA
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
V68ZA-
V100ZA
1.5 (0.059)
3.5
(0.138)
1.5 (0.059)
3.5
(0.138)
1.5 (0.059) 3.5 (0.138) 1.5 (0.059)
3.5
(0.138)
1.5 (0.059) 3.5 (0.138)
V120ZA-
V180ZA
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.038)
3 (0.118)
1 (0.038)
3 (0.118)
V205ZA-
V750ZA
1.5 (0.059)
3.5
(0.138)
-
-
-
-
-
-
-
-
E
V8ZA-
V56ZA
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
V68ZA-
V100ZA
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6 (0.220)
-
5.6
(0.220)
-
5.6 (0.220)
V120ZA-
V180ZA
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
V205ZA-
V750ZA
-
5.6
(0.220)
-
-
-
-
-
-
-
-
Øb
All
0.585
(0.023)
0.685
(0.027)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
A
TRIM
All
-
13.0
(0.512)
-
15 (0.591)
-
19.5 (0.768)
-
22.5
(0.886)
-
29.0
(1.142)
L
TRIM
All
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
1. For 20mm size devices, a 10mm "e" dimension option is also available. Please refer to "Ordering Notes" section "X10" option code for additional information.
2. V24ZA50(P) and V24ZC50(P) only supplied with lead spacing of 6.35mm -/+0.5mm (0.25 -/+0.0196) Dimension e = 5.85 min. Does not apply to Tape and Reel parts.
NOTES: Dimensions in millimeters, inches in parentheses.
To order this crimped and trimmed lead style,
standard radial type model numbers are
changed by replacing the model letter "ZA" with
"ZC." This option is supplied in bulk only.
Standard Model
Order As
V18ZA3P
V18ZC3P
For crimped leads without trimming and any varitions to
the above, contact Littelfuse.
Example:
CRIMPED AND TRIMMED LEAD
Radial lead types can be supplied with combination
preformed crimp and trimmed leads. This option is
supplied to the dimensions shown.
*Seating plane interpretation per IEC-717
LTRIM
ATRIM
SEATING
PLANE
øD
øb
25.4
(1.00)
MIN
A
e
e1
E


Similar Part No. - V24ZA50P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
825Kb / 13P
   Radial Lead Varistors
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
   ZA Varistor Series
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V24ZA50P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
International Rectifier
IRF6728MPBF IRF-IRF6728MPBF_15 Datasheet
253Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6708S2TRPBF IRF-IRF6708S2TRPBF Datasheet
309Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6710S2PBF IRF-IRF6710S2PBF_15 Datasheet
307Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com