Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC36210 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MC36210
Description  Surface Mountable PTC Resettable Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC36210 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MC36210 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC36210 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC36210 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC36210 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mountable PTC
Resettable Fuse
Page <3>
17/05/11 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Material Specification
Terminal pad material
: Pure tin.
Soldering characteristics
: Meets EIA specification RS 186-9E, ANSI/J-std-002 category 3.
Pad Layouts Solder Reflow and Rework Recommendations
The dimension in the table below provide the recommended pad layout for each 0805 device.
Device
A
Nominal
B
Nominal
C
Nominal
All 0805 Series
1.20
1.00
1.50
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Ts maximum to Tp)
3°C/second maximum
Preheat:
Temperature Minimum (Ts minimum)
Temperature Maximum (Ts maximum)
Time (ts minimum to ts maximum)
150°C
200°C
60-180 seconds
Time maintained above:
Temperature (TL)
Time (tL)
217°C
60-150 seconds
Peak/Classification Temperature (Tp):
260°C
Time within 5°C of actual Peak:
Temperature (tp)
20-40 seconds
Ramp-Down Rate:
6°C/second maximum
Time 25°C to Peak Temperature:
8 minutes maximum
Solder reflow
Due to “Lead Free” nature, Temperature and Dwelling time for the soldering zone is higher than those for Regular. This may cause
damage to other components.
1. Recommended max past thickness > 0.25mm.
2. Devices can be cleaned using standard methods and aqueous solvent.
3. Rework use standard industry practices.
4. Storage Environment : < 30°C/60% RH.
Caution:
1. If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements.
2. Devices are not designed to be wave soldered to the bottom side of the board.
Note 1: All temperatures refer to of the package, measured on the package body surface.
Pad Dimensions
Dimensions : Millimetres


Similar Part No. - MC36210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36211 ETC-MC36211 Datasheet
1Mb / 4P
   Resettable Fuse
MC36212 ETC2-MC36212 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
MC36214 ETC2-MC36214 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
MC36216 ETC-MC36216 Datasheet
1Mb / 4P
   Resettable Fuse
MC36217 ETC2-MC36217 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
More results

Similar Description - MC36210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
   Surface Mountable PTC Resettable Fuse
logo
Shanghai Leiditech Elec...
SMD0603P002TF-60 LEIDITECH-SMD0603P002TF-60 Datasheet
2Mb / 3P
   Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD030-2016-R FUZETEC-FSMD030-2016-R Datasheet
309Kb / 4P
   Surface Mountable PTC Resettable Fuse : FSMD20
logo
RFE international
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
FSMD0805 RFE-FSMD0805 Datasheet
338Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
FSMD1812 RFE-FSMD1812 Datasheet
465Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
FSMD0603 RFE-FSMD0603 Datasheet
342Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD0603 Series
2021/04/08
logo
Fuzetec Technology Co.,...
FSMD005-1206-R FUZETEC-FSMD005-1206-R Datasheet
210Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
FSMD005-1210-R FUZETEC-FSMD005-1210-R Datasheet
191Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD1210 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com