Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX77178 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX77178
Description  High-Bandwidth LTE/WCDMA PA Power Management ICs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77178 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX77178 Datasheet HTML 4Page - Maxim Integrated Products MAX77178 Datasheet HTML 5Page - Maxim Integrated Products MAX77178 Datasheet HTML 6Page - Maxim Integrated Products MAX77178 Datasheet HTML 7Page - Maxim Integrated Products MAX77178 Datasheet HTML 8Page - Maxim Integrated Products MAX77178 Datasheet HTML 9Page - Maxim Integrated Products MAX77178 Datasheet HTML 10Page - Maxim Integrated Products MAX77178 Datasheet HTML 11Page - Maxim Integrated Products MAX77178 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Maxim Integrated
MAX77178/MAX77179
High-Bandwidth LTE/WCDMA PA Power Management ICs
in a 1.75mm x 1.4mm, 0.4mm Pitch WLP
Typical Operating Characteristics (continued)
(Typical Operating Circuits, VIN = 3.7V, IOUT = 0.47µH, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)
ENABLE WAVEFORM (NO LOAD)
MAX77178 toc18
5V/div
2V/div
2V/div
1A /div
0A
0V
0V
0V
ILX
VLX
VOUT
VEN
10µs/div
VREF = 1.28V
HEAVY LOAD SWITCHING WAVEFORM
MAX77178 toc17b
10mV/div
2V/div
500mA /div
0A
0V
ILX
VLX
VOUT
AC-COUPLED
200ns/div
VOUT = 3.2V
500mA LOAD
LIGHT LOAD SWITCHING WAVEFORM
MAX77178 toc16
20mV/div
2V/div
100mA /div
0A
0V
ILX
VLX
VOUT
AC-COUPLED
2µs/div
20mA LOAD
HEAVY LOAD SWITCHING WAVEFORM
MAX77178 toc17a
10mV/div
2V/div
500mA /div
0A
0V
ILX
VLX
VOUT
AC-COUPLED
200ns/div
VOUT = 2.5V
500mA LOAD
LINE REGULATION ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
ERROR = VOUT - 2.5 x VREF
VREF = 0.72V
VREF = 0.16V
VREF = 0.96V
VREF = 1.12V
VREF = 1.28V
5.1
4.7
4.3
3.9
3.5
3.1
-50
0
50
100
-100
2.7
5.5
VREF = 0.32V
VREF = 0.48V
OUTPUT VOLTAGE ERROR
vs. REF VOLTAGE
REF VOLTAGE (V)
VIN = 3.7V
ERROR = VOUT - 2.5 x VREF
1.3
1.1
0.9
0.7
0.5
0.3
-100
-50
0
50
-150
0.1
1.5
OUTPUT VOLTAGE ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-60
-40
-20
0
20
-80
-40
85
ERROR = VOUT - 2.5 x VREF
VIN = 3.7V
VREF = 0.72V
VREF = 0.16V
VREF = 1.28V


Similar Part No. - MAX77178

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77179 MAXIM-MAX77179 Datasheet
2Mb / 17P
   High-Bandwidth LTE/WCDMA PA Power Management ICs
Rev 0; 3/13
More results

Similar Description - MAX77178

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77179 MAXIM-MAX77179 Datasheet
2Mb / 17P
   High-Bandwidth LTE/WCDMA PA Power Management ICs
Rev 0; 3/13
logo
ANADIGICS, Inc
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
   HELP3DC (Band 8) LTE/WCDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
   HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
logo
TriQuint Semiconductor
TQM766012 TRIQUINT-TQM766012 Datasheet
207Kb / 1P
   Multi-mode (WCDMA B2 / CDMA BC1 / HSPA / LTE) 3x3mm PA Module
logo
Anaren Microwave
X3C19F1-20S ANAREN-X3C19F1-20S Datasheet
1Mb / 18P
   AMPS, GSM, WCDMA & LTE
X3C09F1-03S ANAREN-X3C09F1-03S Datasheet
1Mb / 18P
   AMPS, GSM, WCDMA & LTE
logo
ANADIGICS, Inc
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
   HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015 Datasheet
206Kb / 1P
   Multi-mode (WCDMA B5 / CDMA BC0 / HSPA / LTE) 3x3mm PA Module
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
   Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com