Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17545 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17545
Description  Synchronous Step-Down DC-DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17545 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17545 Datasheet HTML 5Page - Maxim Integrated Products MAX17545 Datasheet HTML 6Page - Maxim Integrated Products MAX17545 Datasheet HTML 7Page - Maxim Integrated Products MAX17545 Datasheet HTML 8Page - Maxim Integrated Products MAX17545 Datasheet HTML 9Page - Maxim Integrated Products MAX17545 Datasheet HTML 10Page - Maxim Integrated Products MAX17545 Datasheet HTML 11Page - Maxim Integrated Products MAX17545 Datasheet HTML 12Page - Maxim Integrated Products MAX17545 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
(VIN = VEN/UVLO = 24V, VPGND = VSGND = 0V, CVIN = CVCC = 2.2µF, CBST = 0.1µF, CSS = 5600pF, RT = MODE = open.,TA = TJ = -40°C
to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND, unless otherwise noted.)
1A/div
20ms/div
VOUT
2V/div
OVERLOAD PROTECTION
5V OUTPUT, FIGURE 4A CIRCUIT
TOC30
IOUT
FREQUNCY (Hz)
TOC32
5V OUTPUT, 1.7A LOAD CURRENT
BODE PLOT, FIGURE 4A CIRCUIT
GAIN
CROSSOVER FREQUENCY
= 60.7KKHz,
PHASE MARGIN = 59°
PHASE
2V/div
2μs/div
VLX
10V/div
APPLICATION OF EXTERNAL CLOCK AT 700kHz
5V OUTPUT, FIGURE 4A CIRCUIT
TOC31
VSYNC
FREQUNCY (Hz)
TOC33
3.3V OUTPUT, 1.7A LOAD CURRENT,
BODE PLOT, FIGURE 4B CIRCUIT
CROSSOVER FREQUENCY
= 58KHz,
PHASE MARGIN = 59°
PHASE
GAIN
MAX17545
4.5V–42V, 1.7A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
With Internal Compensation
Maxim Integrated │ 9
www.maximintegrated.com
Typical Operating Characteristics (continued)


Similar Part No. - MAX17545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17545 MAXIM-MAX17545 Datasheet
496Kb / 11P
   5V Output-Voltage Application
Rev 0; 10/14
MAX17545 MAXIM-MAX17545 Datasheet
1Mb / 11P
   3.3V Output-Voltage Application
Rev 0; 10/14
MAX17545 MAXIM-MAX17545 Datasheet
1Mb / 21P
   4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17545ATP++ MAXIM-MAX17545ATP+ Datasheet
1Mb / 21P
   4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17545EVKITA MAXIM-MAX17545EVKITA Datasheet
1Mb / 11P
   3.3V Output-Voltage Application
Rev 0; 10/14
More results

Similar Description - MAX17545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com