Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17504 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17504
Description  Step-Down DC-DC Converter with Internal Compensation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17504 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17504 Datasheet HTML 6Page - Maxim Integrated Products MAX17504 Datasheet HTML 7Page - Maxim Integrated Products MAX17504 Datasheet HTML 8Page - Maxim Integrated Products MAX17504 Datasheet HTML 9Page - Maxim Integrated Products MAX17504 Datasheet HTML 10Page - Maxim Integrated Products MAX17504 Datasheet HTML 11Page - Maxim Integrated Products MAX17504 Datasheet HTML 12Page - Maxim Integrated Products MAX17504 Datasheet HTML 13Page - Maxim Integrated Products MAX17504 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Maxim Integrated │ 10
MAX17504
4.5V–60V, 3.5A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1, 2, 3
VIN
Power-Supply Input. 4.5V to 60V input supply range. Connect the VINpinstogether.DecoupletoPGND
with two 2.2µF capacitors; place the capacitors close to the VINandPGNDpins.RefertotheMAX17504
Evaluation Kit datasheet for a layout example.
4
EN/UVLO
Enable/Undervoltage Lockout. Drive EN/UVLO high to enable the output voltage. Connect to the center
of the resistor-divider between VINandSGNDtosettheinputvoltageatwhichtheMAX17504turnson.
Pull up to VIN for always on operation.
5
RESET Open-Drain RESET Output. The RESET output is driven low if FB drops below 92% of its set value.
RESET goes high 1024 clock cycles after FB rises above 95% of its set value.
6
SYNC
Thedevicecanbesynchronizedtoanexternalclockusingthispin.SeetheExternal Frequency
Synchronization section for more details.
7
SS
Soft-StartInput.ConnectacapacitorfromSStoSGNDtosetthesoft-starttime.
8
CF
Atswitchingfrequencieslowerthan500kHz,connectacapacitorfromCFtoFB.LeaveCFopenifthe
switchingfrequencyisequaltoormorethan500kHz.SeetheLoop Compensation section for more
details.
9
FB
FeedbackInput.ConnectFBtothecentertapofanexternalresistor-dividerfromtheoutputtoSGNDto
set the output voltage. See the Adjusting Output Voltage section for more details.
10
RT
ConnectaresistorfromRTtoSGNDtosettheregulator’sswitchingfrequency.LeaveRTopenforthe
default500kHzfrequency.SeetheSetting the Switching Frequency (RT) section for more details.
11
MODE
MODEconfigurestheMAX17504tooperateinPWM,PFMorDCMmodesofoperation.LeaveMODE
unconnectedforPFMoperation(pulseskippingatlightloads).ConnectMODEtoSGNDforconstant-
frequency PWM operation at all loads. Connect MODE to VCC for DCM operation. See the Mode
Selection (MODE) section for more details.
19
20
* EXPOSED PAD (CONNECT TO SIGNAL GROUND).
18
17
7
6
8
9
12
LX
45
15
14
12
11
LX
BST
FB
CF
SS
SYNC
+
3
13
LX
16
10 RT
PGND
TQFN
5mm × 5mm
MAX17504
TOP VIEW


Similar Part No. - MAX17504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17504ATP++ MAXIM-MAX17504ATP+ Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17504EVKITA MAXIM-MAX17504EVKITA Datasheet
462Kb / 11P
   3.3V Output-Voltage Application
Rev 1; 2/14
MAX17504EVKITB MAXIM-MAX17504EVKITB Datasheet
431Kb / 11P
   5V Output-Voltage Application
Rev 1; 2/14
MAX17504SATP++ MAXIM-MAX17504SATP+ Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
More results

Similar Description - MAX17504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
   4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
MAX17572 MAXIM-MAX17572 Datasheet
936Kb / 16P
   4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 9/16
MAX17544 MAXIM-MAX17544_V01 Datasheet
864Kb / 21P
   4.5V??2V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
   4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17572 MAXIM-MAX17572_V01 Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17545 MAXIM-MAX17545_V01 Datasheet
1Mb / 21P
   4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17504 MAXIM-MAX17504_V01 Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17503 MAXIM-MAX17503_V01 Datasheet
5Mb / 27P
   4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17543 MAXIM-MAX17543_V01 Datasheet
2Mb / 19P
   4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17506 MAXIM-MAX17506_V01 Datasheet
739Kb / 20P
   4.5V??0V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com