Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER607 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HER607
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HER607 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HER607 Datasheet HTML 1Page - GOOD-ARK Electronics HER607 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC
(2) Thermal resistance from junction to ambient and from junction to lead length 0.375” (9.5mm) P.C.B. mounted
Symbols
HER
601
HER
602
HER
603
HER
604
HER
605
HER
606
HER
607
HER
608
Units
Peak reverse voltage, Repetitive;
V
RRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
210
280
420
560
700
Volts
DC reverse voltage
V
DC
50
100
200
300
400
600
800
1000
Volts
Average forward current, I
O@TA=55
3/8" lead length, 60Hz, resistive or inductive load
I
(AV)
6.0
Amps
Peak forward surge current, I
FM (surge)
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
300.0
Amps
Maximum forward voltage @6.0A, 25
V
F
1.00
1.10
1.70
Volts
Maximum reverse current. @rated
T
j=25
reverse voltage
T
j=100
I
R
10.0
500.0
A
Reverse recovery time
I
F=0.5A, IR=1A, IRR=0.25A
T
rr
50
75
nS
Typical junction capacitance (Note 1)
C
J
300
F
Typical thermal resistance (Note 2)
R
JA
10.0
/W
Operating and storage temperature range
T
J, TSTG
-55 to +150
Features
Mechanical Data
HER601 THRU HER608
HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 6.0 Amperes
Plastic package has Underwriters Laboratory
Flammability classification 94V-0 utilizing
Flame retardant epoxy molding compound
Void-free plastic in R-6 package
6.0 ampere operation at T
A=55
with no thermal runaway
Ultra fast swithcing for high efficiency
Case: Molded plastic, R-6
Terminals: Axial leads, solderable per
MIL-STD-202, mehtod 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.074 ounce, 2.1 grams
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.339
0.358
8.6
9.1
B
0.339
0.358
8.6
9.1
C
0.047
0.052
1.2
1.3
D
1.000
-
25.40
-


Similar Part No. - HER607

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER607 DGNJDZ-HER607 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER607 WTE-HER607 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
HER607 FS-HER607 Datasheet
691Kb / 2P
   High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 6.0 Ampers
logo
RFE international
HER607 RFE-HER607 Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
logo
Shanghai Shunye Electro...
HER607 SHUNYE-HER607 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER607

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com