Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16935 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16935
Description  Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16935 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16935 Datasheet HTML 6Page - Maxim Integrated Products MAX16935 Datasheet HTML 7Page - Maxim Integrated Products MAX16935 Datasheet HTML 8Page - Maxim Integrated Products MAX16935 Datasheet HTML 9Page - Maxim Integrated Products MAX16935 Datasheet HTML 10Page - Maxim Integrated Products MAX16935 Datasheet HTML 11Page - Maxim Integrated Products MAX16935 Datasheet HTML 12Page - Maxim Integrated Products MAX16935 Datasheet HTML 13Page - Maxim Integrated Products MAX16935 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MAX16935
36V, 3.5A, 2.2MHz Step-Down Converter
with 28µA Quiescent Current
10
Maxim Integrated
Synchronization Input (FSYNC)
FSYNC is a logic-level input useful for operating mode
selection and frequency control. Connecting FSYNC to
BIAS or to an external clock enables fixed-frequency
FPWM operation. Connecting FSYNC to AGND enables
skip mode operation.
The external clock frequency at FSYNC can be higher
or lower than the internal clock by 20%. Ensure the duty
cycle of the external clock used has a minimum pulse
width of 100ns. The device synchronizes to the external
clock within one cycle. When the external clock signal
at FSYNC is absent for more than two clock cycles, the
device reverts back to the internal clock.
System Enable (EN)
An enable control input (EN) activates the device from its
low-power shutdown mode. EN is compatible with inputs
from automotive battery level down to 3.5V. The high
voltage compatibility allows EN to be connected to SUP,
KEY/KL30, or the inhibit pin (INH) of a CAN transceiver.
EN turns on the internal regulator. Once VBIAS is above
the internal lockout threshold, VUVL = 3.15V (typ), the
controller activates and the output voltage ramps up
within 8ms.
A logic-low at EN shuts down the device. During shut-
down, the internal linear regulator and gate drivers turn
off. Shutdown is the lowest power state and reduces the
quiescent current to 5FA (typ). Drive EN high to bring the
device out of shutdown.
Figure 1. Internal Block Diagram
FBSW
OUT
COMP
PGOOD
EN
FB
SOFT
START
SLOPE
COMP
FBOK
EAMP
HSD
LSD
AON
LOGIC
CS
REF
HVLDO
SWITCH
OVER
PWM
SUP
BIAS
BST
SUPSW
LX
PGND
SYNCOUT
BIAS
FSYNC FOSC
AGND
OSC
MAX16935


Similar Part No. - MAX16935

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
815Kb / 8P
   Programmable Switching Frequency
Rev 0; 1/14
MAX16935BAUER/V++ MAXIM-MAX16935BAUER/V+ Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16935BAUES/V++ MAXIM-MAX16935BAUES/V+ Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16935CAUER/V++ MAXIM-MAX16935CAUER/V+ Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16935CAUERB/V++ MAXIM-MAX16935CAUERB/V+ Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16935

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
   Step Down Converter
logo
Texas Instruments
TPS65000 TI1-TPS65000_15 Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
   Step-Down Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com