Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15096D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15096D
Description  Integrated Hot-Swap/Electronic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15096D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15096D Datasheet HTML 1Page - Maxim Integrated Products MAX15096D Datasheet HTML 2Page - Maxim Integrated Products MAX15096D Datasheet HTML 3Page - Maxim Integrated Products MAX15096D Datasheet HTML 4Page - Maxim Integrated Products MAX15096D Datasheet HTML 5Page - Maxim Integrated Products MAX15096D Datasheet HTML 6Page - Maxim Integrated Products MAX15096D Datasheet HTML 7Page - Maxim Integrated Products MAX15096D Datasheet HTML 8Page - Maxim Integrated Products MAX15096D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 10.5kΩ, and
TA = +25°C.)
8
10
12
14
16
18
-40
-15
10
35
60
85
TEMPERATURE (°C)
ON-RESISTANCE
vs. TEMPERATURE
toc04
VIN = VCC = 12V
ILOAD = 1A
10V/div
500mV/
div
toc06
10ms/div
VUV
VPG
UV TURN-OFF WAVEFORMS
ILOAD
1V/div
VOUT
2A/div
CGATE =
5.6nF
5V/div
500mV/
div
toc05
10ms/div
VUV
VPG
UV TURN-ON WAVEFORMS
ILOAD
1V/div
VOUT
2A/div
CGATE =
5.6nF
5A/div
10V/div
toc07
1ms/div
VOUT
VPG
FAULT-SHUTDOWN WAVEFORMS
OVERLOAD (SLOW TRIP)
ILOAD
10V/div
VGATE
10V/div
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
SUPPLY CURRENT
vs. TEMPERATURE
ICC
toc01
RCB = 41.2kΩ
VIN = VCC = 12V
IIN
0
1
2
3
4
5
6
7
8
9
10
-40
-15
10
35
60
85
TEMPERATURE (°C)
CIRCUIT BREAKER THRESHOLD
vs. TEMPERATURE
toc03
VIN = VCC = 12V
RCB= 41.2kΩ
RCB= 30kΩ
RCB= 20kΩ
RCB= 10.5kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
10
15
20
25
30
35
40
CIRCUIT BREAKER RESISTANCE (kΩ)
CIRCUIT BREAKER THRESHOLD
vs. CIRCUIT BREAKER
REISISTANCE
toc02
VIN = VCC = 12V
MAX15096/MAX15096A/
MAX15096D
2.7V to 18V, 6A Integrated Hot-Swap/
Electronic Circuit Breaker
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics


Similar Part No. - MAX15096D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
More results

Similar Description - MAX15096D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com