Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15062 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15062
Description  Step-Down DC-DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15062 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15062 Datasheet HTML 1Page - Maxim Integrated Products MAX15062 Datasheet HTML 2Page - Maxim Integrated Products MAX15062 Datasheet HTML 3Page - Maxim Integrated Products MAX15062 Datasheet HTML 4Page - Maxim Integrated Products MAX15062 Datasheet HTML 5Page - Maxim Integrated Products MAX15062 Datasheet HTML 6Page - Maxim Integrated Products MAX15062 Datasheet HTML 7Page - Maxim Integrated Products MAX15062 Datasheet HTML 8Page - Maxim Integrated Products MAX15062 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MaximIntegrated│ 5
www.maximintegrated.com
MAX15062
60V, 300mA, Ultra-Small, High-Efficiency,
Synchronous Step-Down DC-DC Converters
Typical Operating Characteristics
(VIN = 24V, VGND = 0V, CIN = CVCC = 1µF, VEN/UVLO = 1.5V, TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
10
40
50
60
70
80
90
100
30
1
100
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 12V
FIGURE 5 APPLICATION
CIRCUIT, PFM MODE
VOUT = 3.3V
40
50
60
70
80
90
100
1
10
100
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
toc02b
VIN = 48V
VIN = 36V
VIN = 60V
VIN = 24V
VIN = 18V
FIGURE 8 APPLICATION
CIRCUIT, PFM MODE
VOUT = 12V
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
toc04a
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 6V
VIN = 12V
FIGURE 7 APPLICATION
CIRCUIT, PWM MODE
VOUT = 2.5V
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
10
40
50
60
70
80
90
100
30
1
100
VIN = 48V
VIN = 12V
FIGURE 6 APPLICATION
CIRCUIT, PFM MODE
VOUT = 5V
VIN = 36V
VIN = 24V
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
150
100
50
10
20
30
40
50
60
70
80
90
100
0
0
300
FIGURE 5 APPLICATION
CIRCUIT, PWM MODE
VOUT = 3.3V
VIN = 12V
VIN = 36V
VIN = 24V
VIN = 48V
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
LOAD CURRENT (mA)
EFFICIENCY VS. LOAD CURRENT
toc04b
VIN = 36V
VIN = 60V
VIN = 18V
VIN = 24V
FIGURE 8 APPLICATION
CIRCUIT, PWM MODE
VOUT = 12V
VIN = 48V
20
30
40
50
60
70
80
90
100
1
10
100
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
toc02a
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 6V
VIN = 12V
FIGURE 7 APPLICATION
CIRCUIT, PFM MODE
VOUT = 2.5V
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
150
100
50
10
20
30
40
50
60
70
80
90
100
0
0
300
FIGURE 6 APPLICATION
CIRCUIT, PWM MODE
VOUT = 5V
VIN = 48V
VIN = 24V
VIN = 36V
VIN = 12V
OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
50
100
150
3.30
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.29
0
300
FIGURE 5 APPLICATION
CIRCUIT, PFM MODE
VIN = 48V
VIN = 36V
VIN = 12V, 24V


Similar Part No. - MAX15062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX15062A MAXIM-MAX15062A Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
MAX15062AATA++ MAXIM-MAX15062AATA+ Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX15062AEVKIT MAXIM-MAX15062AEVKIT Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
MAX15062AEVKIT# MAXIM-MAX15062AEVKIT# Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
More results

Similar Description - MAX15062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Rohm
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
   Step-down DC/DC Converters(Non-isolated)
logo
Torex Semiconductor
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com