Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14871 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14871
Description  4.5V to 36V Full-Bridge DC Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14871 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14871 Datasheet HTML 3Page - Maxim Integrated Products MAX14871 Datasheet HTML 4Page - Maxim Integrated Products MAX14871 Datasheet HTML 5Page - Maxim Integrated Products MAX14871 Datasheet HTML 6Page - Maxim Integrated Products MAX14871 Datasheet HTML 7Page - Maxim Integrated Products MAX14871 Datasheet HTML 8Page - Maxim Integrated Products MAX14871 Datasheet HTML 9Page - Maxim Integrated Products MAX14871 Datasheet HTML 10Page - Maxim Integrated Products MAX14871 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(VDD = 24V, TA = +25°C, unless otherwise noted.)
0
2
4
6
8
10
12
-45 -30 -15 0
15 30 45 60 75 90
TEMPERATURE (oC)
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
toc04
VDD= 4.5V
VDD= 36V
VDD= 24V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
1000
2000
3000
LOAD CURRENT (mA)
HIGH-SIDE ON RESISTANCE
vs. LOAD CURRENT
toc01
VDD = 4.5V
VDD = 36V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
LOAD CURRENT (A)
HIGH-SIDE M1/M2 BODY DIODE
FORWARD-VOLTAGE vs. LOAD
toc07
TA = 25°C
TA = 85°C
TA = -40°C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
1000
2000
3000
LOAD CURRENT (mA)
LOW-SIDE ON RESISTANCE
vs. LOAD CURRENT
toc02
VDD= 4.5V
VDD= 36V
0
5
10
15
20
25
30
35
40
45
50
55
100 150 200 250 300 350 400 450 500
COFF (pF)
OFF-TIME vs COFF CAPACITANCE
toc08
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-45
-20
5
30
55
80
105
130
TEMPERATURE (oC)
ON-RESISTANCE
vs. TEMPERATURE
toc03
LOW-SIDE
HIGH-SIDE
ILOAD = 1A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5 10 15 20 25 30 35 40 45 50
DATA RATE (kHz)
SUPPLY CURRENT
vs. SWITCHING RATE
toc05
VDD = 5V
VDD = 36V
CL = 10pF on M1/M2
VDD = 24V
VDD = 12V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
LOAD CURRENT (A)
LOW-SIDE M1/M2 BODY DIODE
FORWARD-VOLTAGE vs. LOAD
toc06
TA = 25°C
TA = 85°C
TA = -40°C
MAX14871
4.5V to 36V Full-Bridge DC Motor Driver
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics


Similar Part No. - MAX14871

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14871 MAXIM-MAX14871 Datasheet
3Mb / 16P
   Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15
MAX14871EVKIT MAXIM-MAX14871EVKIT Datasheet
3Mb / 16P
   Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15
MAX14871 MAXIM-MAX14871_14 Datasheet
468Kb / 15P
   4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
More results

Similar Description - MAX14871

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14871 MAXIM-MAX14871_14 Datasheet
468Kb / 15P
   4.5V to 36V Full-Bridge DC Motor Driver
Rev 0; 9/14
MAX14870 MAXIM-MAX14870_15 Datasheet
442Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
Rev 0; 9/14
MAX14870 MAXIM-MAX14870_V01 Datasheet
430Kb / 15P
   Compact 4.5V to 36V Full-Bridge DC Motor Drivers
2017
MAX14874 MAXIM-MAX14874 Datasheet
433Kb / 12P
   4.5V to 36V Dual Relay/Valve/Motor Driver
Rev 0; 4/17
logo
Allegro MicroSystems
SPF7302 ALLEGRO-SPF7302 Datasheet
359Kb / 16P
   Full Bridge DC Motor Driver
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
   Full Bridge DC Motor Driver
logo
Toshiba Semiconductor
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
   Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ Datasheet
236Kb / 15P
   Full-Bridge DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com