Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14691 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14691
Description  High-Accuracy, Adjustable Power Limiter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14691 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14691 Datasheet HTML 3Page - Maxim Integrated Products MAX14691 Datasheet HTML 4Page - Maxim Integrated Products MAX14691 Datasheet HTML 5Page - Maxim Integrated Products MAX14691 Datasheet HTML 6Page - Maxim Integrated Products MAX14691 Datasheet HTML 7Page - Maxim Integrated Products MAX14691 Datasheet HTML 8Page - Maxim Integrated Products MAX14691 Datasheet HTML 9Page - Maxim Integrated Products MAX14691 Datasheet HTML 10Page - Maxim Integrated Products MAX14691 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
(VIN = 12V, CIN = 1µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
NORMALIZED CURRENT LIMIT
vs. TEMPERATURE
toc08
NORMALIZED TO TA = +25°C
VIN = 24V
RILIM = 37.5kΩ
0
2
4
6
8
10
12
14
16
18
20
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
SHUTDOWN IN CURRENT
vs. TEMPERATURE
toc09
VIN = +12V
VIN = +24V
VIN = +34V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
SHUTDOWN OUTPUT CURRENT
vs. TEMPERATURE
toc10
VIN = +12V
VIN = +24V
VIN = +36V
0
20
40
60
80
100
120
140
160
180
200
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
SWITCH TURN-ON TIME
vs. TEMPERATURE
toc11
MAX14691
VIN = +24V
RL = 240Ω
CL = 4.7µF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
SWITCH TURN-OFF TIME
vs. TEMPERATURE
toc12
VIN = +24V
RL = 240Ω
CL = 4.7µF
20V/div
20V/div
1A/div
toc13
200ms/div
VIN
VOUT
IOUT
POWER-UP RESPONSE
CL = 34mF
ILIM = 1A
MAX14692
20V/div
20V/div
100mA/div
toc14
400µs/div
0V
VOUT
IOUT
REVERSE-BLOCKING RESPONSE
VRIPEN = 3V
24V
0V
30V
24V
MAX14691–MAX14693
High-Accuracy, Adjustable Power Limiter
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics (continued)


Similar Part No. - MAX14691

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14691ATP+T MAXIM-MAX14691ATP+T Datasheet
550Kb / 19P
   High-Accuracy, Adjustable Power Limiter
2015
MAX14691 MAXIM-MAX14691_V01 Datasheet
550Kb / 19P
   High-Accuracy, Adjustable Power Limiter
2015
More results

Similar Description - MAX14691

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14721 MAXIM-MAX14721 Datasheet
825Kb / 20P
   High-Accuracy, Adjustable Power Limiter
Rev 3; 11/17
MAX14691 MAXIM-MAX14691_V01 Datasheet
550Kb / 19P
   High-Accuracy, Adjustable Power Limiter
2015
logo
Microchip Technology
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
   High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
logo
Marki Microwave
HLM-40U MARKIMICROWAVE-HLM-40U Datasheet
715Kb / 10P
   High Power 40GHz Limiter
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com