Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C33 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BZX55C33
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX55C33 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BZX55C33 Datasheet HTML 1Page - GOOD-ARK Electronics BZX55C33 Datasheet HTML 2Page - GOOD-ARK Electronics BZX55C33 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
(1) Tested with pulses tp=20ms.
(2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
(3) The BZX55-C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be “F”
instead of “Z”. Connect the cathode lead to the negative pole.
Type
Zener voltage range 1)
D ynam ic resistance
R everse leakage current
Tem p. coefficient
of Zener voltage
V
znom
I
ZT fo r V ZT
2)
r
zjT an d rzjk at IZK
I
R an d IR
2)
at V
R
TK
VZ
Vm A
V
m A
uA
uA
V
% /K
B ZX 55/C 0V 8
0.8
5
0.73 ... 0.83
<8
<50
1
-
-
-
-0.26 ... -0.23
B ZX 55/C 2V 0
2.0
5
1.9 ... 2.1
<85
<600
1
<100
<200
1
-0.09 ... -0.06
B ZX 55/C 2V 4
2.4
5
2.28 ... 2.56
<85
<600
1
<50
<100
1
-0.09 ... -0.06
B ZX 55/C 2V 7
2.7
5
2.5 ... 2.9
<85
<600
1
<10
<50
1
-0.09 ... -0.06
B ZX 55/C 3V 0
3.0
5
2.8 ... 3.2
<85
<600
1
<4
<40
1
-0.08 ... -0.05
B ZX 55/C 3V 3
3.3
5
3.1 ... 3.5
<85
<600
1
<2
<40
1
-0.08 ... -0.05
B ZX 55/C 3V 6
3.6
5
3.4 ... 3.8
<85
<600
1
<2
<40
1
-0.08 ... -0.05
B ZX 55/C 3V 9
3.9
5
3.7 ... 4.1
<85
<600
1
<2
<40
1
-0.08 ... -0.05
B ZX 55/C 4V 3
4.3
5
4.0 ... 4.6
<75
<600
1
<1
<20
1
-0.06 ... -0.03
B ZX 55/C 4V 7
4.7
5
4.4 ... 5.0
<60
<600
1
<0.5
<10
1
-0.05 ... +0.02
B ZX 55/C 5V 1
5.1
5
4.8 ... 5.4
<35
<550
1
<0.1
<2
1
-0.02 ... +0.02
B ZX 55/C 5V 6
5.6
5
5.2 ... 6.0
<25
<450
1
<0.1
<2
1
-0.05 ... +0.05
B ZX 55/C 6V 2
6.2
5
5.8 ... 6.6
<10
<200
1
<0.1
<2
2
0.03 ... 0.06
B ZX 55/C 6V 8
6.8
5
6.4 ... 7.2
<8
<150
1
<0.1
<2
3
0.03 ... 0.07
B ZX 55/C 7V 5
7.5
5
7.0 ... 7.9
<7
<50
1
<0.1
<2
5
0.03 ... 0.07
B ZX 55/C 8V 2
8.2
5
7.7 ... 8.7
<7
<50
1
<0.1
<2
6.2
0.03 ... 0.08
B ZX 55/C 9V 1
9.1
5
8.5 ... 9.6
<10
<50
1
<0.1
<2
6.8
0.03 ... 0.09
B ZX 55/C 10
10
5
9.4 ... 10.6
<15
<70
1
<0.1
<2
7.5
0.03 ... 0.1
B ZX 55/C 11
11
5
10.4 ... 11.6
<20
<70
1
<0.1
<2
8.2
0.03 ... 0.11
B ZX 55/C 12
12
5
11.4 ... 12.7
<20
<90
1
<0.1
<2
9.1
0.03 ... 0.11
B ZX 55/C 13
13
5
12.4 ... 14.1
<26
<110
1
<0.1
<2
10
0.03 ... 0.11
B ZX 55/C 15
15
5
13.8 ... 15.6
<30
<110
1
<0.1
<2
11
0.03 ... 0.11
B ZX 55/C 16
16
5
15.3 ... 17.1
<40
<170
1
<0.1
<2
12
0.03 ... 0.11
B ZX 55/C 18
18
5
16.8 ... 19.1
<50
<170
1
<0.1
<2
13
0.03 ... 0.11
B ZX 55/C 20
20
5
18.8 ... 21.2
<55
<220
1
<0.1
<2
15
0.03 ... 0.11
B ZX 55/C 22
22
5
20.8 ... 23.3
<55
<220
1
<0.1
<2
16
0.04 ... 0.12
B ZX 55/C 24
24
5
22.8 ... 25.6
<80
<220
1
<0.1
<2
18
0.04 ... 0.12
B ZX 55/C 27
27
5
25.1 ... 28.9
<80
<220
1
<0.1
<2
20
0.04 ... 0.12
B ZX 55/C 30
30
5
28 ... 32
<80
<220
1
<0.1
<2
22
0.04 ... 0.12
B ZX 55/C 33
33
5
31 ... 35
<80
<220
1
<0.1
<2
24
0.04 ... 0.12
B ZX 55/C 36
36
5
34 ... 38
<80
<220
1
<0.1
<2
27
0.04 ... 0.12
B ZX 55/C 39
39
2.5
37 ... 41
<90
<500
0.5
<0.1
<5
30
0.04 ... 0.12
B ZX 55/C 43
43
2.5
40 ... 46
<90
<500
0.5
<0.1
<5
33
0.04 ... 0.12
B ZX 55/C 47
47
2.5
44 ... 50
<110
<600
0.5
<0.1
<5
36
0.04 ... 0.12
B ZX 55/C 51
51
2.5
48 ... 54
<125
<700
0.5
<0.1
<10
39
0.04 ... 0.12
B ZX 55/C 56
56
2.5
52 ... 60
<135
<700
0.5
<0.1
<10
43
0.04 ... 0.12
B ZX 55/C 62
62
2.5
58 ... 66
<150
<1000
0.5
<0.1
<10
47
0.04 ... 0.12
B ZX 55/C 68
68
2.5
64 ... 72
<200
<1000
0.5
<0.1
<10
51
0.04 ... 0.12
B ZX 55/C 75
75
2.5
70 ... 79
<250
<1000
0.5
<0.1
<10
56
0.04 ... 0.12
B ZX 55/C 82
82
2.5
77 ... 87
<300
<1500
0.25
<0.1
<10
62
0.05 ... 0.12
B ZX 55/C 91
91
1
85 ... 96
<450
<2000
0.1
<0.1
<10
68
0.05 ... 0.12
B ZX 55/C 100
100
1
94 ... 106
<450
<5000
0.1
<0.1
<10
75
0.05 ... 0.12
B ZX 55/C 110
110
1
104 ... 116
<600
<5000
0.1
<0.1
<10
82
0.05 ... 0.12
B ZX 55/C 120
120
1
114 ... 127
<800
<5500
0.1
<0.1
<10
91
0.05 ... 0.12
B ZX 55/C 130
130
1
124 ... 141
<950
<6000
0.1
<0.1
<10
100
0.05 ... 0.12
B ZX 55/C 150
150
1
138 ... 156
<1250
<6500
0.1
<0.1
<10
110
0.05 ... 0.12
B ZX 55/C 160
160
1
153 ... 171
<1400
<7000
0.1
<0.1
<10
120
0.05 ... 0.12
B ZX 55/C 180
180
1
168 ... 191
<1700
<8500
0.1
<0.1
<10
130
0.05 ... 0.12
B ZX 55/C 200
200
1
188 ... 212
<2000
<10000
0.1
<0.1
<10
150
0.05 ... 0.12
2


Similar Part No. - BZX55C33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C33 VISHAY-BZX55C33 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SUNMATE electronic Co.,...
BZX55C33 SUNMATE-BZX55C33 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Chongqing Pingwei Enter...
BZX55C33 CHONGQING-BZX55C33 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Yangzhou yangjie electr...
BZX55C33 YANGJIE-BZX55C33 Datasheet
196Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZX55C33 VISHAY-BZX55C33 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Similar Description - BZX55C33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com