Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER1005 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # HER1005
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

HER1005 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  HER1005 Datasheet HTML 1Page - GOOD-ARK Electronics HER1005 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) Thermal resistance from junction to ambient and from junction to lead length 0.375” (9.5mm), P.C.B. mounted
Symbols
HER
1001
HER
1002
HER
1003
HER
1004
HER
1005
HER
1006
HER
1007
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at T
A=55
I
(AV)
1.0
Amp
Peak forward surge current,
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
V
F
1.0
1.7
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
10.0
50.0
A
Maximum reverse recovery time (Note 1)
T
rr
50.0
100.0
nS
Typical junction capacitance (Note 2)
C
J
17.0
F
Typical thermal resistance (Note 3)
R
JA
R
JL
60.0
15.0
/W
Operating junction and storage temperature range
T
J, TSTG
-55 to +150
Features
Mechanical Data
HER1001 THRU HER1007
HIGH EFFICIENCY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
1.0 ampere operation at T
A=55
with no thermal runway
Low cost
Ultrafast recovery time for high efficiency
Low forward voltage
Low leakage current
High surge current capability
High temperature soldering guaranteed:
250 /10 seconds, 0.375” (9.5mm) lead length,
5 lbs. (2.3Kg) tension.
Case: DO-41 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.33 gram
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - HER1005

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
HER1005 SSC-HER1005 Datasheet
404Kb / 2P
   1A Axial High Efficiency Rectifier
logo
Thinki Semiconductor Co...
HER1005A THINKISEMI-HER1005A Datasheet
634Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1005C THINKISEMI-HER1005C Datasheet
634Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1005CT THINKISEMI-HER1005CT Datasheet
635Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
logo
Nantong Hornby Electron...
HER1005CT HORNBY-HER1005CT Datasheet
303Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER1005

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com