Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE80N03 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GE80N03
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE80N03 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GE80N03 Datasheet HTML 1Page - E-Tech Electronics LTD GE80N03 Datasheet HTML 2Page - E-Tech Electronics LTD GE80N03 Datasheet HTML 3Page - E-Tech Electronics LTD GE80N03 Datasheet HTML 4Page - E-Tech Electronics LTD GE80N03 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GE80N03
Page: 2/5
ISSUED DATE :2005/06/24
REVISED DATE :
Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
0.035
-
V/ :
Reference to 25 : , ID=1mA
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
50
-
S
VDS=10V, ID=40A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D20V
Drain-Source Leakage Current(Tj=25 : )
-
-
1
uA
VDS=30V, VGS=0
Drain-Source Leakage Current(Tj=150 : )
IDSS
-
-
25
uA
VDS=24V, VGS=0
-
6
8
VGS=10V, ID=40A
Static Drain-Source On-Resistance
RDS(ON)
-
9
12
m Ł
VGS=4.5V, ID=32A
Total Gate Charge2
Qg
-
42
-
Gate-Source Charge
Qgs
-
5.2
-
Gate-Drain (“Miller”) Change
Qgd
-
26
-
nC
ID=40A
VDS=24V
VGS=5V
Turn-on Delay Time2
Td(on)
-
9.9
-
Rise Time
Tr
-
100
-
Turn-off Delay Time
Td(off)
-
37
-
Fall Time
Tf
-
60
-
ns
VDS=15V
ID=40A
VGS=10V
RG=3.3 Ł
RD=0.37 Ł
Input Capacitance
Ciss
-
1950
-
Output Capacitance
Coss
-
895
-
Reverse Transfer Capacitance
Crss
-
315
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.3
V
IS=80A, VGS=0V, Tj=25 :
Continuous Source Current (Body Diode)
IS
-
-
80
A
VD= VG=0V, VS=1.3V
Pulsed Source Current (Body Diode)
1
ISM
-
-
315
A
Notes: 1. Pulse width limited by safe operating area.
2. Pulse width 300us, duty cycle 2%.


Similar Part No. - GE80N03

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE80N03 GTM-GE80N03 Datasheet
300Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GE80N03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com