Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GN3G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GN3G
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GN3G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GN3G Datasheet HTML 1Page - GOOD-ARK Electronics GN3G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) 8.0mm2 (0.013mm thick) land areas
Symbols
GN3A
GN3B
GN3D
GN3G
GN3J
GN3K
GN3M
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current at T
L=75
I
(AV)
3.0
Amps
Peak forward surge current,
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
100.0
Amps
Maximum instantaneous forward voltage at 3.0A
V
F
1.20
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=125
I
R
5.0
250.0
A
Typical reverse recovery time (Note 1)
T
rr
2.5
S
Typical junction capacitance (Note 2)
C
J
60.0
F
Maximum thermal resistance (Note 3)
R
JL
R
JA
13.0
47.0
/W
Operating and storage temperature range
T
J, TSTG
-55 to +150
Features
Mechanical Data
GN3A THRU GN3M
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Amperes
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Plasitc package has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated junction
High temperature soldering:
260 /10 seconds at terminals
Case: SMC molded plastic
Terminals: Solder plated solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Weight: 0.007 ounce, 0.25 gram
DI M E NS I O NS
DI M
i n c hes
m m
No t e
Mi n .
Ma x .
Mi n .
Ma x .
A
0 . 260
0. 280
6. 60
7. 1 1
B
0 . 220
0. 240
5. 59
6. 10
C
0 . 075
0. 095
1. 90
2. 41
D
0 . 1 1 5
0. 121
2. 92
3. 07
H
0 . 0020
0. 0060
0. 051
0. 152
J
0 . 006
0. 012
0. 15
0. 30
K
0 . 030
0. 050
0. 76
1. 27
P
0 . 020 R E F
0 . 51 R E F
S
0 . 305
0. 320
7. 75
8. 13
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - GN3G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GN3G EIC-GN3G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
SynSemi, Inc.
GN3G SYNSEMI-GN3G Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GN3G EIC-GN3G Datasheet
49Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
First Silicon Co., Ltd
GN3G FS-GN3G Datasheet
150Kb / 3P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
More results

Similar Description - GN3G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
   Surface-Mount Glass Passivated Junction Rectifier
01-Jan-2022
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
logo
Zowie Technology Corpor...
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GNOA GOOD-ARK-GNOA Datasheet
190Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL34A VISHAY-GL34A Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com