Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35362-1576 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35362-1576
Description  2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 15 Circuits, with Kinked PC Tails, Natural
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35362-1576 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35362-1576 Datasheet HTML 1Page - Molex Electronics Ltd. 35362-1576 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35362-1576
Status:
Active
Overview:
Sherlock™ Connector System
Description:
2.00mm Pitch Sherlock™ Wire-to-Board Header, Vertical, with Positive Lock, 15
Circuits, with Kinked PC Tails, Natural, Tube Packaging
Documents:
3D Model
Packaging Specification PK-35362-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
35362
Application
Signal, Wire-to-Board
Overview
Sherlock™ Connector System
Product Name
Sherlock™
UPC
822348262434
Physical
Breakaway
No
Circuits (Loaded)
15
Circuits (maximum)
15
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height
8.50mm
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.599/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35362Series
Mates With
35507 Sherlock™ Wire-to-Board Housing
Use With
50212-8000 Terminal


Similar Part No. - 35362-1576

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35362-1576 MOLEX4-35362-1576 Datasheet
353Kb / 5P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Header, Vertical, with Positive Lock, 15Circuits, with Kinked PC Tails, Natural, Tube Packaging
More results

Similar Description - 35362-1576

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35362-1550 MOLEX11-35362-1550 Datasheet
36Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 15 Circuits, with Kinked PC Tails, Natural
35362-2050 MOLEX11-35362-2050 Datasheet
36Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 20 circuits, with Kinked PC Tails, Natural
35362-0550 MOLEX11-35362-0550 Datasheet
36Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 2 Circuits, with Kinked PC Tails, Natural
35362-0976 MOLEX11-35362-0976 Datasheet
35Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 9 Circuits, with Kinked PC Tails, Natural
35362-0376 MOLEX11-35362-0376 Datasheet
35Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 2 Circuits, with Kinked PC Tails, Natural
35362-0576 MOLEX11-35362-0576 Datasheet
35Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 2 Circuits, with Kinked PC Tails, Natural
35362-0850 MOLEX11-35362-0850 Datasheet
36Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 2 Circuits, with Kinked PC Tails, Natural
35362-1250 MOLEX11-35362-1250 Datasheet
36Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 12 Circuits, with Kinked PC Tails, Natural
35362-1450 MOLEX11-35362-1450 Datasheet
36Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 14 Circuits, with Kinked PC Tails, Natural
35362-1750 MOLEX11-35362-1750 Datasheet
36Kb / 2P
   2.00mm Pitch Sherlock Wire-to-Board Header, Vertical, with Positive Lock, 17 Circuits, with Kinked PC Tails, Natural
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com