Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL2065BC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UL2065BC
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UL2065BC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UL2065BC Datasheet HTML 1Page - List of Unclassifed Manufacturers UL2065BC Datasheet HTML 2Page - List of Unclassifed Manufacturers UL2065BC Datasheet HTML 3Page - List of Unclassifed Manufacturers UL2065BC Datasheet HTML 4Page - List of Unclassifed Manufacturers UL2065BC Datasheet HTML 5Page - List of Unclassifed Manufacturers UL2065BC Datasheet HTML 6Page - List of Unclassifed Manufacturers UL2065BC Datasheet HTML 7Page - List of Unclassifed Manufacturers UL2065BC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Catalog No./Item
Description/Specifications
3609ULBC
CabinetMATE Plug-In Outlet
3609ULBD
Center – Nine outlets. 6' [1.8m]
(3609ULBC) or 15' [4.6m]
(3609ULBD) cord. Length 36"
[914mm]. Receptacle center-to-
center 3" [76mm].
4810ULBC
CabinetMATE Plug-In Outlet
4810ULBD
Center – Ten outlets. 6' [1.8m]
(4810ULBC) or 15' [4.6m]
(4810ULBD)cord. Length 48"
[1.2m]. Receptacle center-to-
center 4" [102mm].
7011ULBC
CabinetMATE Plug-In Outlet
7011ULBD
Center – Eleven outlets. 6' [1.8m]
(7011ULBC) or 15' [4.6m]
(7011ULBD) cord. Length 70"
[1.8m]. Receptacle center-to-
center 6" [152mm].
7712ULBC
CabinetMATE Plug-In Outlet
7712ULBD
Center – Twelve outlets. 6' [1.8m]
(7712ULBC) or 15' [4.6m]
(7712ULBD) cord. Length 77" [2m].
Receptacle center-to-center
6" [152mm].
15A CabinetMATE Plug-In Outlet Centers Ordering Information
4810ULBC/
4810ULBD
7011ULBC/
7011ULBD
7712ULBC/
7712ULBD
j
j
j
j
3609ULBC/
3609ULBD


Similar Part No. - UL2065BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL2065BC ETC2-UL2065BC Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - UL2065BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
logo
Molex Electronics Ltd.
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
   20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
   IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
   3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
   RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com