Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OE2000HO Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # OE2000HO
Description  GENERAL PURPOSE ??DOUBLE POLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

OE2000HO Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  OE2000HO Datasheet HTML 1Page - Cherry Semiconductor Corporation OE2000HO Datasheet HTML 2Page - Cherry Semiconductor Corporation OE2000HO Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GENERAL PURPOSE – DOUBLE POLE
E Series
Actuator Details
Flat Actuator Version (-00H and -50H)
Roller Actuator Version (-00K and -50K)
“J” and “M” Type Optional Hardware
Mounting
Brass Hex Nut
0012-0023
Recommended mounting screw:
#6-32 round head.
Recommended torque on screw:
6 inch-lbs. max.
Recommended torque on ferrule:
20 inch lbs. max.
Brass Hex Nut (Nickel Plated)
0012-0028
Ordering Information
Select the desired contact rating
Combine with the button/actuator style
Full part number
E19
50H
E19-50H
For single throw versions:
Select the desired contact rating
Combine with the button style
DPST – NO
DPST - NC
E19
50H
E19-51H
0E19-52H
(Add 1 to suffix)
(Add 2 to suffix)
Contact
Call, fax or visit our
Website for more information.
ZF Electronic Systems
Pleasant Prairie, LLC
11200 88th Avenue
Pleasant Prairie, WI 53158
Phone: 262.942.6500
Web: www.cherrycorp.com
Email: cep_sales@zf.com
Fax: 262 942 6566
The manufacturer accepts no
liability for errors or non-availability,
and reserves the right to change
specifications without prior notice.
Technical data relates to product
specifications only. Features may
differ from those described. Only
drawings combined with product
specifications shall be deemed
binding.
© 2007 ZF Electronics Corporation
Last Updated: 03/22/13


Similar Part No. - OE2000HO

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
OE2G2I35 SILICOM-OE2G2I35 Datasheet
369Kb / 5P
   Dual Port Copper Gigabit Ethernet OCP Mezzanine Adapter
More results

Similar Description - OE2000HO

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E19 ZFSWITCHES-E19 Datasheet
532Kb / 3P
   Double Pole General Purpose
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
   Snap Action Switch Double Pole General Purpose
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
   General Purpose Double Diode
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
   General purpose double diode
1996 Sep 17
BAV23S PHILIPS-BAV23S Datasheet
52Kb / 8P
   General purpose double diode
1999 May 05
BC817DS115 NXP-BC817DS115 Datasheet
135Kb / 7P
   NPN general purpose double
2002 Nov 22
logo
ZF Friedrichshafen AG
E13 ZFSWITCHES-E13 Datasheet
307Kb / 3P
   Single Pole General Purpose
logo
Cherry Semiconductor Co...
0012-0023 CHERRY-0012-0023 Datasheet
784Kb / 3P
   GENERAL PURPOSE - SINGLE POLE
logo
NXP Semiconductors
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
   NPN general purpose double transistor
2001 Nov 07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com