Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTRS1070 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTRS1070
Description  Visible Light Photo Reflector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTRS1070 Datasheet(HTML) 1 Page - Marktech Corporate

  MTRS1070 Datasheet HTML 1Page - Marktech Corporate MTRS1070 Datasheet HTML 2Page - Marktech Corporate MTRS1070 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (LED)
IF
50
mA
Pulse Forward Current (LED)*1
IFP
0.5
A
Reverse Voltage (LED)
VR
4
V
Power Dissipation (LED)
PD
100
mW
Collector-Emitter Voltage (PT)
Vce
20
V
Emitter-Collector Voltage (PT)
Vec
5
V
Collector Current (PT)
Ic
50
mA
Collector Power Dissipation (PT) PC
75
mW
Total Power Dissipation
Ptot
100
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
*1: Tw=10µsec, T=10msec.
Peak Emission Wavelength: 700nm
The 700nm reflective sensor consists of a 700nm visible emitter and high sensitivity photo transistor in the
same package. The black molded housing reduces the effect of external ambient light. Custom emitter/
detectors are available.
FEATURES
> High Reliability
> Compact (Ф4.0)
> Short Detection Distance Optimum 0.5-1.5mm
APPLICATIONS
> Card Reader
> Bar-code Reader
> Edge Sensing / Money-bill Reader
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=20mA
--
1.8
2.3
V
Reverse Current
IR
VR=4V
--
--
10
µA
Peak Emission Wavelength
λp
IF=20mA
--
700
--
nm
Spectral Line Half Width
λ
IF=20mA
--
25
--
nm
Dark Current (Iceo)
ID
Vce=10V
--
--
100
nA
Output Current
Io
IF=20mA, Vce=2V, d=1mm *
180
500
--
µA
Cross-talk Current
Ix
IF=20mA, Vce=2V
--
--
200
nA
Rise Time (10 to 90%)
Tr
Vcc=5V, Io=0.1mA, RL=1KΩ
--
20
--
µS
Fall Time (10 to 90%)
Tf
Vcc=5V, Io=0.1mA, RL=1KΩ
--
30
--
µS
Lead Soldering Temperature*2
Tls
--
--
--
260
ºC
Visible Light Photo Reflector
Product No:
MTRS1070
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
*1: Measured by reflecting with Aluminum evaporated mirror (d=1.00mm). *2: Time 5 Sec max, Position: Up to 3mm from the body.
2011-07-21


Similar Part No. - MTRS1070

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS1070 MARKTECH-MTRS1070 Datasheet
67Kb / 2P
   Compact Package
MTRS1070 MARKTECH-MTRS1070 Datasheet
1Mb / 3P
   Peak Emission Wavelength: 700nm
MTRS1070 MARKTECH-MTRS1070_11 Datasheet
1Mb / 3P
   Peak Emission Wavelength: 700nm
MTRS1070 MARKTECH-MTRS1070_15 Datasheet
1Mb / 3P
   Visible Light Photo Reflector
More results

Similar Description - MTRS1070

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS4720D MARKTECH-MTRS4720D Datasheet
572Kb / 3P
   Visible Light Photo Reflector
MTRS6140D MARKTECH-MTRS6140D_15 Datasheet
587Kb / 3P
   Visible Light Photo Reflector
MTRS6660D MARKTECH-MTRS6660D Datasheet
633Kb / 3P
   Visible Light Photo Reflector
MTRS4720D MARKTECH-MTRS4720D_15 Datasheet
572Kb / 3P
   Visible Light Photo Reflector
MTRS6660 MARKTECH-MTRS6660_15 Datasheet
646Kb / 3P
   Visible Light Photo Reflector
MTRS5900D MARKTECH-MTRS5900D Datasheet
583Kb / 3P
   Visible Light Photo Reflector
MTRS6140D MARKTECH-MTRS6140D Datasheet
587Kb / 3P
   Visible Light Photo Reflector
MTRS6660 MARKTECH-MTRS6660 Datasheet
646Kb / 3P
   Visible Light Photo Reflector
MTRS1070 MARKTECH-MTRS1070_15 Datasheet
1Mb / 3P
   Visible Light Photo Reflector
MTRS5750 MARKTECH-MTRS5750 Datasheet
563Kb / 3P
   Visible Light Photo Reflector
MTRS5750D MARKTECH-MTRS5750D Datasheet
578Kb / 3P
   Visible Light Photo Reflector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com