Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7011ULBC20R-TL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 7011ULBC20R-TL
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7011ULBC20R-TL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  7011ULBC20R-TL Datasheet HTML 1Page - List of Unclassifed Manufacturers 7011ULBC20R-TL Datasheet HTML 2Page - List of Unclassifed Manufacturers 7011ULBC20R-TL Datasheet HTML 3Page - List of Unclassifed Manufacturers 7011ULBC20R-TL Datasheet HTML 4Page - List of Unclassifed Manufacturers 7011ULBC20R-TL Datasheet HTML 5Page - List of Unclassifed Manufacturers 7011ULBC20R-TL Datasheet HTML 6Page - List of Unclassifed Manufacturers 7011ULBC20R-TL Datasheet HTML 7Page - List of Unclassifed Manufacturers 7011ULBC20R-TL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Catalog No./Item
Description/Specifications
UL2064BC
Industrial Plug-In Outlet Center –
UL2064BD
Twelve outlets, lighted switch.
6' [1.8m] (UL2064BC) or 15' [4.6m]
(UL2064BD) cord. Length 72"
[1830mm]. Receptacle center-to-
center 5 1/4" [133mm].
Catalog No./Item
Description/Specifications
UL2065BC
Industrial Plug-In Outlet Center –
UL2065BD
Twenty-four outlets, lighted switch.
6' [1.8m] (UL2065BC) or 15' [4.6m]
(UL2065BD) cord. Length 72"
[1830mm]. Receptacle center-to-
center 2 1/2" [64mm].
Catalog No./Item
Description/Specifications
Snap-on/Slide-off
Mounting Bracket – Mount unit in
any position. Includes two aluminum
mounting clips that snap onto
mounting rails on the back of the unit.
Screws also included. Used for all
units with 2" [51mm] housing.
Keyhole Mounting
Keyhole Mounting Bracket –
Mount unit in almost any position.
Screws not included. Available on
all plastic units and units with 3 1/2"
[89mm] aluminum housing.
Catalog No./Item
Description/Specifications
Spring Clip Mounting
Spring Clip Mounting Bracket –
Mount unit in any position. Includes
two spring steel mounting clips that
snap onto the unit. Screws also
included. Used for all units with
1 1/2" [38mm] narrow aluminum
housing.
Rack Mounting
Rack Mounting Bracket – Fits
standard 19" [482mm] rack.
Screws not included.
7
.
Mounting Types
j
j
Catalog No./Item
Description/Specifications
UL215BC
Deluxe Control Plug-In Outlet
UL215BD
Center – Four individually switched
outlets. Lighted on/off switch. Gray
finish. 6' [1.8m] (UL215BC) or 15'
[4.6m] (UL215BD) cord. Length 13"
[330mm]. Width 2" [51mm].
Receptacle center-to-center
2 1/8" [54mm].
Catalog No./Item
Description/Specifications
UL208BC
Deluxe Control Plug-In Outlet
UL208BD
Center – Four individually switched
outlets. Lighted on/off switch. Putty
white finish. 6' [1.8m] (UL208BC) or
15' [4.6m] (UL208BD) cord. Length
7 1/2" [191mm]. Width 3 1/2"
[89mm]. Receptacle center-to-center
1 15/16" [33mm].
UL209BC
Deluxe Control Plug-In Outlet
UL209BD
Center – Eight individually switched
outlets. Lighted on/off switch. Putty
white finish. 6' [1.8m] (UL209BC) or
15' [4.6m] (UL209BD) cord. Length
13" [330mm]. Width 3 1/2" [89mm].
Receptacle center-to-center
1 15/16" [33mm].
j
j
j
Deluxe Control Plug-In Outlet Centers Ordering Information
Industrial Plug-In Outlet Centers Ordering Information
NOTE: For UL units.
NOTE: For CabinetMate units.


Similar Part No. - 7011ULBC20R-TL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7011ULBC20R-TL ETC2-7011ULBC20R-TL Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - 7011ULBC20R-TL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
logo
Molex Electronics Ltd.
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
   20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
   IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
   3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
   RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com