Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD240CTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BD240CTU
Description  Medium Power Linear and Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD240CTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BD240CTU Datasheet HTML 1Page - Fairchild Semiconductor BD240CTU Datasheet HTML 2Page - Fairchild Semiconductor BD240CTU Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=350
µs, duty Cycle≤2.0% Pulsed
Symbol
Parameter
Value
Units
VCEO
Collector-Base Voltage
: BD240
: BD240A
: BD240B
: BD240C
- 45
- 60
- 80
- 100
V
V
V
V
VCER
Collector-Emitter Voltage
: BD240
: BD240A
: BD240B
: BD240C
- 55
- 70
- 90
- 115
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 2
A
ICP
*Collector Current (Pulse)
- 4
A
IB
Base Current
- 0.6
A
PC
Collector Dissipation ( TC=25°C)
30
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD240
: BD240A
: BD240B
: BD240C
IC = - 30mA, IB = 0
- 45
- 60
- 80
- 100
V
V
V
V
ICEO
Collector Cut-off Current
: BD240/A
: BD240B/C
VCE = - 30V, IB = 0
VCE = - 60V, IB = 0
- 0.3
- 0.3
mA
mA
ICES
Collector Cut-off Current
: BD240
: BD240A
: BD240B
: BD240C
VCE = - 45V, VBE = 0
VCE = - 60V, VBE = 0
VCE = - 80V, VBE = 0
VCE = - 100V, VBE = 0
- 0.2
- 0.2
- 0.2
- 0.2
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 1
mA
hFE
* DC Current Gain
VCE = - 4V,IC = - 0.2A
VCE = - 4V, IC = - 1A
40
15
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 1A , IB = - 0.2A
- 0.7
V
VBE(on)
* Base-Emitter ON Voltage
VCE = - 4V, IC = - 1A
- 1.3
V
BD240/A/B/C
Medium Power Linear and Switching
Applications
• Complement to BD239/A/B/C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - BD240CTU

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD240C POINN-BD240C Datasheet
86Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD240C ISC-BD240C Datasheet
191Kb / 2P
   isc Silicon PNP Power Transistor
logo
Transys Electronics
BD240C TRSYS-BD240C Datasheet
474Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD240C NJSEMI-BD240C Datasheet
126Kb / 2P
   Silicon PNP Power Transistor
logo
Fairchild Semiconductor
BD240C FAIRCHILD-BD240C Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
More results

Similar Description - BD240CTU

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com