Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J06B2B20X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # J06B2B20X
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J06B2B20X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  J06B2B20X Datasheet HTML 1Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 2Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 3Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 4Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 5Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 6Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 7Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Catalog No./Item
Description/Specifications
J08B0B
Rack Mount Plug-In Outlet
J08B2B
Center – Eight rear outlets, lighted
switch. Receptacles rotated 90° and
4 outlets spaced to accommodate
transformers. 6' [1.8m] (J08B0B) or
15' [4.6m] (J08B2B) cord. Receptacle
center-to-center 1 1/2" [38mm] and
2" [51mm].
J06B0B
Rack Mount Plug-In Outlet
J06B2B
Center – Six rear outlets, lighted
switch. 6' [1.8m] (J06B0B) or 15'
[4.6m] (J08B2B) cord. Receptacle
center-to-center1 1/2" [38mm].
J06B0BX
Rack Mount Plug-In Outlet
J06B2BX
Center – Six rear outlets. 6' [1.8m]
(J06B0BX)or 15' [4.6m] (J06B2B)
cord. Receptacle center-to-center
1 1/2" [38mm].
Catalog No./Item
Description/Specifications
J60B0B
Rack Mount Plug-In Outlet
J60B2B
Center – Six front outlets, lighted
switch. 6' [1.8m] (J60B0B) or 15'
[4.6m] (J60B2B) cord. Receptacle
center-to-center1 1/2" [38mm].
J60B0B-90
Rack Mount Plug-In Outlet
J60B2B-90
Center – Six front outlets, lighted
switch. Receptacles rotated 90°.
6' [1.8m] (J60B0B-90) or 15' [4.6m]
(J60B2B-90) cord. Receptacle
center-to-center 1 1/2" [38mm].
J24B0B
Rack Mount Plug-In Outlet
J24B2B
Center – Two front, four rear outlets.
Lighted switch. 6' [1.8m] (J24B0B) or
15' [4.6m] (J24B2 B)cord. Receptacle
center-to-center 1 1/2" [38mm].
15A Rack Mount Plug-In Outlet Centers Ordering Information
Catalog No./Item
Description/Specifications
J06B0B20
Rack Mount Plug-In Outlet
J06B2B20
Center – Six 20A rear outlets,
on/off switch. 6' [1.8m] (J06B0B20)
or 15' [4.6m] (J06B2B20) cord.
Receptacle center-to-center
1 1/2" [38mm].
J06B0B20X
Rack Mount Plug-In Outlet
J06B2B20X
Center – Six 20A rear outlets.
6' [1.8m] (J08B0B20X) or 15' [4.6m]
(J06B0B20X) cord. Receptacle
center-to-center 1 1/2" [38mm].
J06B0B20X -AM
Rack Mount Plug-In Outlet
Center with Digital Ammeter –
Digital LCD readout of current
draw. Six 20A rear outlets. 6'
[1.8m] cord. Receptacle center-
to-center 1 1/2"[38mm].
Catalog No./Item
Description/Specifications
J60B0B20
Rack Mount Plug-In Outlet
J60B2B20
Center – Six 20A front outlets,
on/off switch. 6' [1.8m] (J60B0B20)
or 15' [4.6m] (J60B2B20) cord.
Receptacle center-to-center
1 1/2" [38mm].
J60B0B20X
Rack Mount Plug-In Outlet
J60B2B20X
Center – Six 20A front outlets.
6' [1.8m] (J60B0B20X) or 15' [4.6m]
(J60B2B20X) cord. Receptacle
center-to-center 1 1/2" [38mm].
20A Rack Mount Plug-In Outlet Centers Ordering Information
J60B0B (Front & Back)
J24B0B (Front & Back)
J06B0B20X (Front & Back)
q c


Similar Part No. - J06B2B20X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J06B2B20X ETC2-J06B2B20X Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - J06B2B20X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
logo
Molex Electronics Ltd.
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
   20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
   IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
   3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
   RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com