Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


J06B0B20X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. J06B0B20X
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 5 page
background image
5
Catalog No./Item
Description/Specifications
UL100BC
Compact Plug-In Outlet Center –
UL100BD
Five outlets, 6' [1.8m] (UL100BC) or
15' [4.6m] (UL100BD)cord. Length
9 1/4" [235mm]. Receptacle center-
to-center 1 1/4" [32mm].
UL101BC
Compact Plug-In Outlet Center –
UL101BD
Four outlets, 6' [1.8m] (UL101BC) or
15' [4.6m] (UL101BD) cord. Length
9 1/4" [235mm].Receptacle center-
to-center1 1/4" [32mm].
UL104BC
Compact Plug-In Outlet Center –
UL104BD
Four outlets, lighted switch. 6' [1.8m]
(UL104BC) or 15' [4.6m] (104BD)
cord. Length 9 1/4" [235mm].
Receptacle center-to-
center 1 1/4" [32mm].
UL204BC
Compact Plug-In Outlet Center –
UL204BD
Seven outlets, lighted switch.
6' [1.8m] (UL204BC) or 15' [4.6m]
(UL204BD) cord. Length 13"
[330mm]. Receptacle center-to-
center 1 1/4" [32mm].
UL205BC
Compact Plug-In Outlet Center –
UL205BD
Eight outlets, 6' [1.8m] (UL205BC) or
15' [4.6m] (UL205BD)cord. Length
13" [330mm].Receptacle center-to-
center 1 1/4" [32mm].
UL206BC
Compact Plug-In Outlet Center –
UL206BD
Six outlets. 6' [1.8m] (UL206BC) or
15' [4.6m] (UL206BD)cord. Length
12 1/4" [311mm].Receptacle center-
to-center 1 1/4" [32mm].
Catalog No./Item
Description/Specifications
UL207BC
Compact Plug-In Outlet Center –
UL207BD
Six outlets, lighted switch. 6' [1.8m]
(UL207BC) or 15' [4.6m] (UL207BD)
cord. Length 12 1/4" [311mm].
Receptacle center-to-center
1 1/4" [32mm].
UL218BC
Compact Plug-In Outlet Center –
UL218BD
Eight outlets, lighted switch. 6'
[1.8m] (UL218BC) or 15' [4.6m]
(UL218BD)cord. Length 15"
[381mm]. Receptacle center-to-
center 1 1/4" [32mm].
UL210BC
Compact Plug-In Outlet Center –
UL210BD
Ten outlets, lighted switch.Putty
white finish. 6' [1.8m] (UL210BC) or 15'
[4.6m] (UL210BD) cord. Length 13"
[330mm]. Width 3 1/2" [89mm].
Receptacle center-to-center
1 15/16" [49mm].
UL1090BC
Compact Plug-In Outlet Center –
UL1090BD
Four outlets. Receptacles rotated 90°
and spaced to accommodate trans-
formers. 6' [1.8m] (UL1090BC) or 15'
[4.6m] (UL1090BD) cord. Length 16"
[406mm]. Receptacle center-to-center
3" [76mm].
R610/R612
Compact Plug-In Outlet Center –
Six outlets, lighted switch.Putty
white finish, 6' [1.8m] (R610) or 15'
[4.6m] (R612) cord. Length 12 1/4"
[311mm]. Receptacle center-to-
center 1 1/4" [32mm].
P6/P6-15
Compact Plug-In Outlet Center –
Six outlets, lighted switch.Putty
white finish, plastic housing. 6' [1.8m]
or 15' [4.6m] cord. Length 12"
[305mm]. Receptacle center-to-
center 1 1/4" [32mm].
Compact Plug-In Outlet Centers Ordering Information
j
j
j
j
j
j
j
j
j
j
j
u c




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl