Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J60B2B-90 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # J60B2B-90
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J60B2B-90 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  J60B2B-90 Datasheet HTML 1Page - List of Unclassifed Manufacturers J60B2B-90 Datasheet HTML 2Page - List of Unclassifed Manufacturers J60B2B-90 Datasheet HTML 3Page - List of Unclassifed Manufacturers J60B2B-90 Datasheet HTML 4Page - List of Unclassifed Manufacturers J60B2B-90 Datasheet HTML 5Page - List of Unclassifed Manufacturers J60B2B-90 Datasheet HTML 6Page - List of Unclassifed Manufacturers J60B2B-90 Datasheet HTML 7Page - List of Unclassifed Manufacturers J60B2B-90 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Catalog No./Item
Description/Specifications
2008ULBC20R
CabinetMATE Plug-In Outlet
2008ULBD20R
Center – Eight 20A outlets with
2008ULBC20R-TL*
t-slots. 6' [1.8m] (2008ULBC20R,
2008ULBD20R-TL*
2008ULBC20R-TL) or 15' [4.6m]
(2008ULBD20R, 2008ULBD20R-TL)
cord. Length 20" [508mm].
Receptacle center-to-center 1 1/4"
[32mm]. Units available with straight
blade or NEMA L5-20P locking plug.
4810ULBC20R
CabinetMATE Plug-In Outlet
4810ULBD20R
Center – Ten 20A outlets with
4810ULBC20R-TL*
t-slots. 6' [1.8m] (4810ULBC20R,
4810ULBD20R-TL*
4810ULBC20R-TL) or 15' [4.6m]
(4810ULBD20R, 4810ULBD20R-TL)
cord.Length 48" [1.2m]. Receptacle
center-to-center 4" [102mm].
Units available with straight blade
or NEMA L5-20P locking plug.
7011ULBC20R
CabinetMATE Plug-In Outlet
7011ULBD20R
Center – Eleven 20A outlets with
7011ULBC20R-TL*
t-slots. 6' [1.8m] (7011ULBC20R,
7011ULBD20R-TL*
7011ULBC20R-TL) or 15' [4.6m]
(7011ULBD20R, 7011ULBD20R-TL)
cord. Length 70" [1.6m]. Receptacle
center-to-center 6" [152mm].
Units available with straight blade
or NEMA L5-20P locking plug.
7712ULBC20R
CabinetMATE Plug-In Outlet
7712ULBD20R
Center – Twelve 20A outlets with.
7712ULBC20R-TL*
t-slots. 6' [1.8m] (7712ULBC20R,
7712ULBD20R-TL*
7712ULBC20R-TL) or 15' [4.6m]
(7712ULBD20R, 7712ULBD20R-TL)
cord. Length 77" [2m]. Receptacle
center-to-center 6" [152mm].
Units available with straight blade
or NEMA L5-20P locking plug.
20A CabinetMATE Plug-In Outlet Centers Ordering Information
4810ULBC20R/
4810ULBD20R
2008ULBC20R/
2008ULBD20R
7011ULBC20R/
7011ULBD20R
7712ULBC20R/
7712ULBD20R
20A NEMA L5-20P Locking Plug
* Use “TL” suffix with Catalog Number for locking plug.
j
j
j
j


Similar Part No. - J60B2B-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J60B2B-90 ETC2-J60B2B-90 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - J60B2B-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
logo
Molex Electronics Ltd.
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
   20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
   IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
   3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
   RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com