Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDMBZ5236B Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GDMBZ5236B
Description  ZENER DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GDMBZ5236B Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GDMBZ5236B Datasheet HTML 1Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 2Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 3Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 4Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 5Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 6Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 7Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 8Page - E-Tech Electronics LTD GDMBZ5236B Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
ISSUED DATE :2004/11/15
REVISED DATE :
Test
Current
Zener Voltage
Vz(V)
ZZK
IZ=0.25mA
ZZT
IZ=IZT
Max. Reverse
Current
Device
Marking
Code
IZT(mA)
Min
Nominal
Max
ÆÆÆÆMax
ÆÆÆÆMax
IR(uA)
@VR(V)
GDMBZ5241B
8R
20
10.450
11
11.550
600
22
2.0
8.4
GDMBZ5242B
8S
20
11.400
12
12.600
600
30
1.0
9.1
GDMBZ5243B
8T
9.5
12.350
13
13.650
600
13
0.5
9.9
GDMBZ5244B
8U
9.0
13.300
14
14.700
600
15
0.1
10
GDMBZ5245B
8V
8.5
14.250
15
15.750
600
16
0.1
11
GDMBZ5246B
8W
7.8
15.200
16
16.800
600
17
0.1
12
GDMBZ5247B
8X
7.4
16.150
17
17.850
600
19
0.1
13
GDMBZ5248B
8Y
7.0
17.100
18
18.900
600
21
0.1
14
GDMBZ5249B
8Z
6.6
18.050
19
19.950
600
23
0.1
14
GDMBZ5250B
2A
6.2
19.000
20
21.000
600
25
0.1
15
GDMBZ5251B
2B
5.6
20.900
22
23.100
600
29
0.1
17
GDMBZ5252B
2C
5.2
22.800
24
25.200
600
33
0.1
18
GDMBZ5253B
2D
5.0
23.750
25
26.250
600
35
0.1
19
GDMBZ5254B
2E
4.6
25.650
27
28.350
600
41
0.1
21
GDMBZ5255B
2F
4.5
26.600
28
29.400
600
44
0.1
21
GDMBZ5256B
2G
4.2
28.500
30
31.500
600
49
0.1
23
GDMBZ5257B
2H
3.8
31.350
33
34.650
700
58
0.1
25
GDMBZ5258B
2J
3.4
34.200
36
37.800
700
70
0.1
27
GDMBZ5259B
2K
3.2
37.050
39
40.950
800
80
0.1
30
GDMBZ5260B
2L
3.0
40.850
43
45.150
900
93
0.1
33
GDMBZ5261B
2M
2.7
44.650
47
49.350
1000
105
0.1
36
GDMBZ5262B
2N
2.5
48.450
51
53.550
1100
125
0.1
39
GDMBZ5263B
2P
2.2
53.200
56
58.800
1300
150
0.1
43
GDMBZ5264B
2Q
2.1
57.000
60
63.000
1400
170
0.1
46
GDMBZ5265B
2R
2.0
58.900
62
65.100
1400
185
0.1
47
GDMBZ5266B
2S
1.8
64.600
68
71.400
1600
230
0.1
52
GDMBZ5267B
2T
1.7
71.250
75
78.750
1700
270
0.1
56
GDMBZ5268B
2U
1.5
77.900
82
86.100
2000
330
0.1
62
GDMBZ5269B
2V
1.4
82.650
87
91.350
2200
370
0.1
68
GDMBZ5270B
2W
1.4
86.450
91
95.550
2300
400
0.1
69


Similar Part No. - GDMBZ5236B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GDMBZ5236B GTM-GDMBZ5236B Datasheet
808Kb / 9P
   ZENER DIODES
More results

Similar Description - GDMBZ5236B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com