Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5391 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # 1N5391
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N5391 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  1N5391 Datasheet HTML 1Page - GOOD-ARK Electronics 1N5391 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Measured with I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted
Symbols
1N
5391
1N
5392
1N
5393
1N
5394
1N
5395
1N
5396
1N
5397
1N
5398
1N
5399
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
300
400
500
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
210
280
350
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
300
400
500
600
800
1000
Volts
Maximum average forward rectified current
0.500" (12.7mm) lead length at T
L=70
I
(AV)
1.5
Amps
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method) at T
A=75
I
FSM
50.0
Amps
Maximum instantaneous forward voltage at1.5A T
A=70
V
F
1.40
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=150
I
R
5.0
300.0
A
Typical reverse recovery time (Note 1)
T
rr
2.0
S
Typical junction capacitance (Note 2)
C
J
15.0
F
Typical thermal resistance (Note 3)
R
JA
R
JL
50.0
25.0
/W
Maximum DC blocking voltage temperature
T
A
+150
Operating junction temperature range
T
J
-50 to +170
Storage temperature range
T
STG
-50 to +175
Features
1N5391 THRU 1N5399
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High surge current capability
1.5 ampere operation at T
L=70
with no thermal runaway
Low reverse leakage
Construction utilizes void-free molded plastic technique
High temperature soldering guaranteed:
250 /10 seconds, 0.375” (9.5mm) lead length,
5 lbs. (2.3Kg) tension
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Mechanical Data
Case: DO-15 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.014 ounce, 0.39 gram
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.228
0.299
5.8
7.6
B
0.102
0.142
2.6
3.6
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-


Similar Part No. - 1N5391

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1N5391 UNIOHM-1N5391 Datasheet
66Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1N5391 SAMYANG-1N5391 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Yea Shin Technology Co....
1N5391 YEASHIN-1N5391 Datasheet
104Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Compact Technology Corp...
1N5391 CTC-1N5391 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-41)
More results

Similar Description - 1N5391

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com