Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP670C-2 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QTLP670C-2
Description  SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP670C-2 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QTLP670C-2 Datasheet HTML 1Page - Fairchild Semiconductor QTLP670C-2 Datasheet HTML 2Page - Fairchild Semiconductor QTLP670C-2 Datasheet HTML 3Page - Fairchild Semiconductor QTLP670C-2 Datasheet HTML 4Page - Fairchild Semiconductor QTLP670C-2 Datasheet HTML 5Page - Fairchild Semiconductor QTLP670C-2 Datasheet HTML 6Page - Fairchild Semiconductor QTLP670C-2 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9/3/03
QTLP670C-2 HER
QTLP670C-3 Yellow
QTLP670C-4 Green
QTLP670C-7 AlGaAs Red
QTLP670C-B Blue
QTLP670C-W White
Page 2 of 7
© 2003 Fairchild Semiconductor Corporation
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2
QTLP670C
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
QTLP670C
Units
-2
-3
-4
-7
-B
-W
Continuous Forward Current
IF
30
30
30
30
30
30
mA
Peak Forward Current
(f = 1.0 KHz, Duty Factor = 1/10)
IFM
160
160
160
180
100
100
mA
Reverse Voltage (IR = 10 µA)
VR
555555
V
Power Dissipation
PD
84
84
84
72
135
135
mW
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +90
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number
Symbol
QTLP670C
Condition
-2
-3
-4
-7
-B
-W
Luminous Intensity (mcd)
Minimum
IV
5
5
15
25
20
20
IF = 20mA
Typical
10
10
25
40
30
30
Forward Voltage (V)
Maximum
VF
2.8
2.8
2.8
2.4
4.5
4.5
IF = 20mA
Typical
2.0
2.0
2.1
1.9
3.8
3.8
Wavelength (nm)
Peak
λP
635
585
565
660
430
IF = 20mA
Dominant
λD
630
590
570
645
465
Chromatic Coordinate
x,y
—————
x = 0.26
y = 0.28
IF = 20mA
Spectral Line Half Width (nm)
∆λ
45
35
30
20
65
IF = 20mA
Viewing Angle (°)2
Θ1/2
120
120
120
120
120
120
IF = 20mA


Similar Part No. - QTLP670C-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP670C-23 FAIRCHILD-QTLP670C-23 Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
QTLP670C-23TR FAIRCHILD-QTLP670C-23TR Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
QTLP670C-24 FAIRCHILD-QTLP670C-24 Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
QTLP670C-24TR FAIRCHILD-QTLP670C-24TR Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
More results

Similar Description - QTLP670C-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
   SURFACE MOUNT LED LAMP
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
   SURFACE MOUNT LED LAMP
logo
Everlight Electronics C...
QTLP603CIWTR EVERLIGHT-QTLP603CIWTR Datasheet
1Mb / 7P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-T FAIRCHILD-QTLP670C-T Datasheet
178Kb / 8P
   SURFACE MOUNT LED LAMP
QTLP601C-EB FAIRCHILD-QTLP601C-EB Datasheet
352Kb / 6P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com