Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18UNA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QS18UNA
Description  WORLD-BEAM QS18U Ultrasonic Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18UNA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QS18UNA Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 9Page - List of Unclassifed Manufacturers QS18UNA Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Cabled Models
Pico-Style QD Models
Euro-Style QD Models
15.0 mm
(0.59")
33.5 mm
(1.32")
3 mm
(0.12")
17.1 mm
(0.67")
24.1 mm
(0.95")
35.0 mm
(1.38")
M18 x 1 Thread
Max. Torque 2.3 Nm (20 in-lbs)
ø 3.3 mm (0.13")
Max. Torque 0.6 Nm (5 in-lbs)
150 mm (6")
Pico-style
Pigtail
41.5 mm
(1.63")
Integral
4-pin
Pico-Style QD
150 mm (6")
Euro-style
Pigtail
49 mm
(1.93")
Integral
4-pin
Euro-Style QD
Locknut (included with all models)
Washer (included with all models)
8.0 mm
(0.32")
24.2 mm
(0.95")
1.6 mm
(0.06")
Ø 17.8 mm
(0.70")
Ø 23.9 mm
(0.94")
M3 Hardware Packet Contents:
• 2 – M3 x 0.5 x 20 mm SS Screw
• 2 – M3 x 0.5 SS Hex Nut
• 2 – M3 SS Washer
Wiring
NPN (Sinking) Output Models
PNP (Sourcing) Output Models
wh
shield
bn
bu
bk
12 - 30V dc
Load
Remote programming
switch (normally open)
wh
bn
bu
bk
12 - 30V dc
Load
Remote programming
switch (normally open)
shield
Cable and QD hookups are functionally identical. It is recommended that the shield wire be connected to earth ground. Shielded
cordsets are recommended for all QD models.
Quick-Disconnect (QD) Cordsets
4-Pin Snap-On M8/Pico-Style Cordsets with Shield
Model
Length
Style
Dimensions
Pinout
PKG4S-2
2.00 m (6.56 ft) Straight
ø10 mm max.
(0.4")
28 mm max.
(1.1")
4
3
1
2
1 = Brown
2 = White
3 = Blue
4 = Black
WORLD-BEAM QS18U Ultrasonic Sensors
8
www.bannerengineering.com - tel: 763-544-3164
P/N 119287 Rev. F


Similar Part No. - QS18UNA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
QS18UNA BANNER-QS18UNA Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
QS18UNAE BANNER-QS18UNAE Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
More results

Similar Description - QS18UNA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
QS18U BANNER-QS18U Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
List of Unclassifed Man...
QS18VP6LPQ8 ETC2-QS18VP6LPQ8 Datasheet
709Kb / 10P
   WORLD-BEAM QS18
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com