Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE792003 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PE792003
Description  RFI Filter Module Combines IEC Connector, Fusing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE792003 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PE792003 Datasheet HTML 1Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PE792003 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
1-800-657-0853
Dimensions are in inches and millimeters
unless otherwise specified.
Values in parentheses are metric equivalents.
53
PE7 Series Simplified Schematic
PE8 Series Simplified Schematic
D
E
C
A
2-POLE
H
1-POLE
FUSING
B
240V
b,d
Contacts
a,c,e
b,c,e
a,d
Voltage
100V
120V
220V
120V
100V
120V
d
a
b
F
A
100-120-
220-240 V
VOLTAGE
SELECTOR
G
F
e
c
E
D
C
LOAD
G
G
LINE
L
N
FOR TRANSFORMERS WITH TWO SEPARATE
WINDINGS
SERIES-PARALLEL
D
E
C
A
2-POLE
H
B
B
115V
115V
d
a
b
F
A
G
F
e
c
E
D
C
G
G
L
N
Contacts
a,b d,e
c
Voltage
115V
230V
2-POLE
H
1-POLE
FUSING
1-POLE
2-POLE
L
ROCKER
SWITCH
N
G
LOAD
G
2a
2
1a
1
G
LINE
L
N


Similar Part No. - PE792003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7000-1 PASTERNACK-PE7000-1 Datasheet
240Kb / 3P
   1 dB Fixed Attenuator, BNC Male To BNC Female Rated To 1 Watt Up To 2 GHz
PE7000-1 PASTERNACK-PE7000-1 Datasheet
263Kb / 5P
   1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-10 PASTERNACK-PE7000-10 Datasheet
242Kb / 3P
   10 dB Fixed Attenuator, BNC Male To BNC Female Rated To 1 Watt Up To 2 GHz
PE7000-10 PASTERNACK-PE7000-10 Datasheet
265Kb / 5P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-10 PASTERNACK-PE7000-10_16 Datasheet
265Kb / 5P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results

Similar Description - PE792003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
   Compact RFI Filter with IEC Connectors
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
   Snap-In Compact RFI Filter IEC Connector Package
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
   Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
EJT MACOM-EJT Datasheet
428Kb / 6P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
   Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
logo
PREMO CORPORATION S.L
FTCV-1Z PREMO-FTCV-1Z Datasheet
146Kb / 1P
   IEC Connector Filter
FT-FTO PREMO-FT-FTO Datasheet
146Kb / 1P
   IEC Connector Filter
FD-1X PREMO-FD-1X Datasheet
141Kb / 1P
   IEC Connector Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com