Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7244 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # 7244
Description  T-1 Subminiature Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

7244 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  7244 Datasheet HTML 1Page - Gilway Technical Lamp 7244 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1 Subminiature Short Type Lamps
Line
Part
Filament
Life
No.
No.
Volts
Amps
M.S.C.P.
Type
Hours
Drawing
1
6802
5.0
0.060
0.03
C-2R
200,000
A
2
6802AS15
5.0
0.060
0.03
C-2R
200,000
A
3
6832
5.0
0.060
0.05
C-2R
100,000
A
4
6832AS15
5.0
0.060
0.05
C-2R
100,000
A
5
7132
5.0
0.075
0.09
C-2R
40,000
A
6
7132AS15
5.0
0.075
0.09
C-2R
40,000
A
7
7152
5.0
0.115
0.15
C-2R
40,000
A
8
7152AS15
5.0
0.115
0.15
C-2R
40,000
A
9
7009
28.0
0.020
0.15
CC-2F
16,000
A
A
31.75
+/-6.25
3.68 MAX
3.18 MAX
T-1 Mini-Max Flashlight Lamps
Line
Part
Life
Filament
Base
No.
No.
Volts
Amps
M.S.C.P.
Hours
Type
Type
Drawing
10
L135
1.35
0.315
0.16
4
C-6
Bi-Pin
B
11
L250
2.5
0.300
0.6
4
C-6
Bi-Pin
B
12
L400
4.0
0.300
1.2
4
C-2R
Bi-Pin
B
B
8.89+/-.76


Similar Part No. - 7244

ManufacturerPart #DatasheetDescription
logo
FCI connector
72448-XYYH FCI-CONNECTOR-72448-XYYH Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
More results

Similar Description - 7244

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
1728 GILWAY-1728 Datasheet
65Kb / 1P
   T-1 Subminiature Lamps
2135 GILWAY-2135 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
7100 GILWAY-7100 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
QT Optoelectronics
MR5000 QT-MR5000 Datasheet
145Kb / 3P
   SUBMINIATURE T-3/4 RESISTOR LAMPS
logo
Fairchild Semiconductor
HLMP-Q106A FAIRCHILD-HLMP-Q106A Datasheet
251Kb / 4P
   SOLID STATE LED LAMPS SUBMINIATURE T-1 3/4 1.9mm
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
QT Optoelectronics
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
   subminiature t-3/4 5-volt resistor lamps
logo
List of Unclassifed Man...
L424HDT ETC-L424HDT Datasheet
182Kb / 6P
   T-1 CYLINDICAL LED LAMPS
logo
Marktech Corporate
MT630-HR MARKTECH-MT630-HR Datasheet
48Kb / 1P
   T-1 TAPERED LED LAMPS
logo
Gilway Technical Lamp
1045 GILWAY-1045 Datasheet
82Kb / 1P
   T-1 Lamps, Visible-Infrared
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com