Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA0505S Datasheet(PDF) 1 Page - XP Power Limited

Part # IA0505S
Description  Dual Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IA0505S Datasheet(HTML) 1 Page - XP Power Limited

  IA0505S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21-Jan-11
Specification
1 Watt
Dual Output
SIP or DIP Package
Industry Standard Pinout
1000 VDC Isolation
40 °C to +85 °C Operation
MTBF >1.1 MHrs
3 Year Warranty
IA Series
Input
Input Voltage Range
• Nominal ±10%(5)
Input Reflected
• 20 mA pk-pk (through 12 µH inductor 5 Hz
Ripple Current
to 20 MHz)
Input Reverse Voltage
• None
Protection
Output
Output Voltage
See table
Minimum Load
• None(6)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• 10% 20-100% load change
(3.3 V models ±20%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 75 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Maximum Capacitive
• ±100 µF
Load
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC minimum
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 60 pF typical
Switching Frequency
• Variable, 80 KHz typical
MTBF
• >1.12 MHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
xppower.com
Input Voltage
Output
Voltage
Output
Current(4)
Efficiency
Model
Number(1)
3.3 VDC
±5.0 V
±100 mA
66%
IA0305S
5 VDC
±3.3 V
±151 mA
65%
IA0503S
±5.0 V
±100 mA
74%
IA0505S
±9.0 V
±55 mA
78%
IA0509S
±12.0 V
±42 mA
78%
IA0512S
±15.0 V
±33 mA
80%
IA0515S
±24.0 V
±21 mA
80%
IA0524S
12 VDC
±3.3 V
±151 mA
66%
IA1203S
±5.0 V
±100 mA
75%
IA1205S
±9.0 V
±55 mA
76%
IA1209S
±12.0 V
±42 mA
78%
IA1212S
±15.0 V
±33 mA
80%
IA1215S
±24.0 V
±21 mA
76%
IA1224S
24 VDC
±3.3 V
±151 mA
68%
IA2403S
±5.0 V
±100 mA
74%
IA2405S
±9.0 V
±55 mA
76%
IA2409S
±12.0 V
±42 mA
78%
IA2412S
±15.0 V
±33 mA
78%
IA2415S
±24.0 V
±21 mA
78%
IA2424S
48 VDC(5)
±3.3 V
±151 mA
60%
IA4803S
±5.0 V
±100 mA
70%
IA4805S
±9.0 V
±55 mA
72%
IA4809S
±12.0 V
±42 mA
74%
IA4812S
±15.0 V
±33 mA
74%
IA4815S
±24.0 V
±21 mA
70%
IA4824S
Mechanical Details
0.24 (6.09) max
(2)
0.76
(19.30) max
0.40
(10.16) max
0.80
(20.32) max
0.25
(6.35) max
(3)
0.11
(2.79) min
0.3
(7.62)
0.01
(0.254) max
+Vin
-Vout
0V
+Vout
-Vin
NC
0.3 (7.62)
0.60
(15.24)
0.01
(0.254) max
+Vin
-Vout 0V +Vout
-Vin
0.055 (1.40)
0.18
(4.57)
0.5
(12.70)
SIP Package
DIP Package
0.4 (10.16) max
0.02
(0.5)
0.12
(3.05) min
0.1
(2.54)
0.02
(0.51)
0.02
(0.51)
1. Replace ‘S’ in model number with ‘D’ for DIP package.
2. SIP 48 Vin models, dimension is 0.28 (7.20) max.
3. DIP 48 Vin models, dimension is 0.27 (6.88) max.
4. Outputs power-trade.
5. For 48 V models a 10 µF capacitor is required between +Vin and -Vin pins.
6. Operation at no load will not damage unit but it may not meet all specifications.
7. All dimensions in inches (mm).
8. Pin pitch tolerance: ±0.014 (±0.35)
9. Case tolerance ±0.02 (±0.5)
10. Weight: SIP 0.006 lbs (2.6 g), DIP 0.005 lbs (2.3 g)
Notes


Similar Part No. - IA0505S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IA0505S XPPOWER-IA0505S Datasheet
225Kb / 1P
   Dual Output
IA0505S XPPOWER-IA0505S Datasheet
98Kb / 1P
   1 Watt IA Series
IA0505S XPPOWER-IA0505S Datasheet
98Kb / 1P
   Dual Output
logo
MORNSUN Science& Techno...
IA0505S-1W MORNSUN-IA0505S-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
IA0505S-1W REICU-IA0505S-1W Datasheet
2Mb / 1P
   1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
More results

Similar Description - IA0505S

ManufacturerPart #DatasheetDescription
logo
Power-One
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
   DUAL OUTPUT
logo
XP Power Limited
IA2405D XPPOWER-IA2405D Datasheet
98Kb / 1P
   Dual Output
logo
NIHON DEMPA KOGYO
NZ2016SK NDK-NZ2016SK_18 Datasheet
870Kb / 1P
   Dual output
logo
Power-One
DFA20E12D POWER-ONE-DFA20E12D Datasheet
1Mb / 4P
   DUAL OUTPUT
DFC15U48D12 POWER-ONE-DFC15U48D12 Datasheet
860Kb / 3P
   DUAL OUTPUT
logo
Artesyn Technologies
AFC5-F ARTESYN-AFC5-F Datasheet
52Kb / 2P
   Dual output
logo
XP Power Limited
SF_IA XPPOWER-SF_IA Datasheet
225Kb / 1P
   Dual Output
logo
Power-One
DGP12U5D5 POWER-ONE-DGP12U5D5 Datasheet
798Kb / 3P
   DUAL OUTPUT
logo
XP Power Limited
IH2412D XPPOWER-IH2412D Datasheet
95Kb / 1P
   Dual Output
IH2415D XPPOWER-IH2415D Datasheet
95Kb / 1P
   Dual Output
logo
Power-One
DFC10U POWER-ONE-DFC10U Datasheet
879Kb / 3P
   DUAL OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com