Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E208 Datasheet(PDF) 8 Page - Gilway Technical Lamp

Part # E208
Description  Miniature LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E208 Datasheet(HTML) 8 Page - Gilway Technical Lamp

Back Button E208 Datasheet HTML 4Page - Gilway Technical Lamp E208 Datasheet HTML 5Page - Gilway Technical Lamp E208 Datasheet HTML 6Page - Gilway Technical Lamp E208 Datasheet HTML 7Page - Gilway Technical Lamp E208 Datasheet HTML 8Page - Gilway Technical Lamp E208 Datasheet HTML 9Page - Gilway Technical Lamp E208 Datasheet HTML 10Page - Gilway Technical Lamp E208 Datasheet HTML 11Page - Gilway Technical Lamp E208 Datasheet HTML 12Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1¾ Full Color LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
90mcd
200mcd
15°
2.0V
2.5V
625nm
3
E1000
Clear
50mcd
90mcd
15°
2.2V
2.5V
565nm
C
12.5mcd
40mcd
15°
4.5V
5.5V
430nm
Diffused
20.0mcd
90.0mcd
30°
2.0V
2.5V
625nm
4
E1001
White
20.0mcd
70.0mcd
30°
2.2V
2.5V
565nm
C
3.2mcd
12.5mcd
30°
4.5V
5.5V
430nm
O WHITE
O WHITE
C
T-1 and T-1¾, Mega Bright White LEDs
Luminous Intensity
Viewing
Forward Voltage
Reverse
Chromaticity
Line
Part
at 20mA
Angle
at 20mA
Current
Coordinates
No.
No.
Size
Lens
Minimum
Typical
2
θθθθθ½
Typical
Maximum
(V
R=5.0V)
X Typ. Y Typ.
Drawing
1
E1004
T-1
Clear
700mcd
2800mcd
25°
3.6V
4.0V
50µA
0.31
0.32
A
2
E1003
T-1¾
Clear
1400mcd
5600mcd
15°
3.6V
4.0V
50µA
0.31
0.32
B
WHITE
WHITE
67
A
B


Similar Part No. - E208

ManufacturerPart #DatasheetDescription
logo
C&K Components
E208 CK-COMPONENTS-E208 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E208 CK-COMPONENTS-E208 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E208 CK-COMPONENTS-E208 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E208 CK-COMPONENTS-E208 Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
More results

Similar Description - E208

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1005 SANKEN-SEC1005 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
SEC1007 SANKEN-SEC1007 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
logo
Agilent(Hewlett-Packard...
HSMF-C165 HP-HSMF-C165 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
logo
List of Unclassifed Man...
BA93 ETC-BA93 Datasheet
40Kb / 1P
   MINIATURE BAYONET 9MM T1 3/4 THREE CLUSTER ULTRA BRIGHT LEDS
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
   12 AMP MINIATURE MINIATURE
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
   2 Pole Miniature 2 Pole Miniature
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com