Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1EV2S1R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HA1EV2S1R
Description  L6 Series Miniature Switches and Pilot Devices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HA1EV2S1R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HA1EV2S1R Datasheet HTML 1Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 2Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 3Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 4Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 5Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 6Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 7Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 8Page - List of Unclassifed Manufacturers HA1EV2S1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ø16mm - L6 Series
471
USA: 800-262-IDEC
Canada: 888-317-IDEC
Switches & Pilot Devices
L6 Series — Miniature Switches and Pilot Devices
Key features of the 5/8” L6 Series include:
5/8” (16mm) mounting holes
Locking lever removable contact blocks
Solder terminal or PCB terminal options
Available assembled or as sub-components
Worldwide approvals
Incandescent or LED illumination
Snap action contacts
UL Recognized
File No. E55996
CSA Certified
File No. LR21451
Registration No. R9551089 (E-stops)
Registration No. J9551458 (all other switches)
Registration No. R95650511 (Pilot Lights)
Conforming to Standards
EN60947-1, EN60947-5-1, VDE0660-200, UL508, CSA C22-2 N0.14
Operating Temperature
Operation: –25 to +55°C (without freezing), 45 to 85% RH
Storage: -30 to +80°C (without freezing)
Vibration Resistance
5 to 55Hz, 1.0 peak-peak amplitude max
Shock Resistance
Operating limit: 100 m/sec2 (approximately 10G)
Damage limit: 1000 m/sec2 (approximately 100G)
Mechanical Life
Momentary pushbuttons 2,000,000 operations minimum
All others: 250,000 operations minimum
Degree of Protection
IP65 (conforming to IEC 60529)
Dielectric Strength
Switch unit: between live and ground: 2500 volt AC, 1 minute
between terminals of different poles: 2500 volt AC, 1 minute
between terminals of same pole: 1000 volt AC, 1 minute
Illumination unit: between live part and ground: 2500 volt AC, 1 minute
Insulation Resistance
100MΩ minimum (using 500V DC megger)
Rated Insulation Voltage
250V AC/DC
Rated Thermal Current
Gold Contacts (pcb): 3A
Silver Contacts (solder): 5A
Contact Resistance
50Ω maximum initial value
Rated Operating Current
Silver Contacts
(Solder Terminals)
Gold Clad Contacts
(PCB terminals)
30V
125V
250V
30V
125V
AC resistive
5A
2A
AC inductive
-
0.1A
AC inductive
2A
1.5A
DC resistive
0.1A
DC resistive
3A
0.4A
DC inductive
1A
0.2A
Minimum Recommended Load (reference value for silver
contacts)
5V AC/DC, 1mA
Terminal Style
0.110” Solder Tab /PCB
Contact Form
Snap Action, Double Throw
Contact Material
Solder Tab: Pure Silver /PCB: Gold Plated Silver
Electrical Life (at full load)
Momentary pushbuttons: 100,000 operations minimum (1800 operations / hour)
All others: 100,000 operations minimum (1200 operations / hour)
Lamp Current Draw
5V DC LED: 8mA
6V AC/DC LED: 7mA
6V AC/DC incandescent: 100 mA
12V AC/DC LED: 8mA
12V AC/DC incandescent: 50 mA
24V AC/DC LED: 8mA
24V AC/DC incandescent: 25 mA
120V AC = 8mA
Lamp Life
Incandescent: 2000 hours./LED 50,000 hours. (on pure DC, half-life intensity)


Similar Part No. - HA1EV2S1R

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HA1E-AC115V NAIS-HA1E-AC115V Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
HA1E-AC12V NAIS-HA1E-AC12V Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
HA1E-AC24V NAIS-HA1E-AC24V Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
HA1E-AC48V NAIS-HA1E-AC48V Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
HA1E-AC6V NAIS-HA1E-AC6V Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
More results

Similar Description - HA1EV2S1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AB6M-V1-R ETC2-AB6M-V1-R Datasheet
1Mb / 14P
   A6 Series Miniature Switches and Pilot Devices 16mm
logo
IDEC Corporation
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
   A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
List of Unclassifed Man...
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
   Oiltight Switches and Pilot Devices
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
   LW Series — Switches and Pilot Devices: 22mm
logo
List of Unclassifed Man...
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
   Oiltight Switches Pilot Devices
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
   Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
300 E-SWITCH-300 Datasheet
1Mb / 9P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
   Miniature Rocker and Paddle Switches
logo
List of Unclassifed Man...
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
   Flush Mount Switches & Pilot Lights
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com