Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA06A12H1A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FBA06A12H1A
Description  Allowable Ambient Temperature Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FBA06A12H1A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  FBA06A12H1A Datasheet HTML 1Page - List of Unclassifed Manufacturers FBA06A12H1A Datasheet HTML 2Page - List of Unclassifed Manufacturers FBA06A12H1A Datasheet HTML 3Page - List of Unclassifed Manufacturers FBA06A12H1A Datasheet HTML 4Page - List of Unclassifed Manufacturers FBA06A12H1A Datasheet HTML 5Page - List of Unclassifed Manufacturers FBA06A12H1A Datasheet HTML 6Page - List of Unclassifed Manufacturers FBA06A12H1A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type
Model
Rated
Operating
Rated
Rated
Nominal
Maximum
Maximum
Noise
Safety
and Size
Voltage
Voltage
Current
Input
Speed
Air Flow
Air Pressure
(dB-A)
Standard
(V)
(V)
(mA)
(W)
(r/min)
(m3/min) (CFM)
(mmh20) (Pa)
UL CSA
FBK04F
FBK04F05L
5
4.5—6.0
120
0.60
4700
0.11
3.9
2.50
24.5
24.0
40mm
FBK04F05H
5
4.5—6.0
280
1.40
7500
0.19
6.7
6.60
64.7
33.0
DC axial fans FBK04F12L
12
7.0—13.8
75
0.90
4700
0.11
3.9
2.50
24.5
23.0
FBK04F12H
12
7.0—13.8
150
1.80
7500
0.19
6.7
6.60
64.7
32.0
FBK04F12U
12
7.0—13.8
170
2.04
9500
0.26
9.2
12.00 117.7
42.0
FBK04F24H
24
14.0—27.6
92
2.21
7500
0.19
6.7
6.60
64.7
33.0
FBK04F24U
24
14.0—27.6
100
2.40
9500
0.26
9.2
12.00 117.7
42.0
FBA06A
FBA06A12L1A
12
7.0—13.8
110
1.32
3200
0.40
14.1
3.10
30.4
24.0
60mm
FBA06A12M1A
12
7.0—13.8
130
1.56
3700
0.47
16.6
3.95
38.7
28.0
DC axial fans FBA06A12H1A
12
7.0—13.8
170
2.04
4200
0.54
19.1
5.20
51.0
32.0
FBA06A12U1A
12
7.0—13.8
210
2.52
4550
0.58
20.5
6.0
58.0
37.0
FBA06A24L1A
24
14.0—27.6
70
1.68
3200
0.40
14.1
3.10
30.4
24.0
FBA06A24M1A
24
14.0—27.6
90
2.16
3700
0.47
16.6
3.95
38.7
28.0
FBA06A24H1A
24
14.0—27.6
105
2.52
4200
0.54
19.1
5.20
51.0
32.0
FBA06T
FBA06T12L
12
7.0—13.8
88
1.06
3200
0.34
12.0
2.80
27.5
24.0
60mm
FBA06T12H
12
7.0—13.8
145
1.74
4200
0.47
16.6
4.75
46.6
32.0
Thin
FBA06T24L
24
14—27.6
56
1.34
3200
0.34
12.0
2.80
27.5
24.0
FBA06T24H
24
14—27.6
83
1.99
4200
0.47
16.6
4.75
46.6
32.0
FBA08A
FBA08A12L1A
12
7.0—13.8
68
0.82
1900
0.68
24.0
1.57
15.4
21.0
80mm
FBA08A12M1A
12
7.0—13.8
124
1.49
2450
0.91
32.1
2.51
24.6
28.0
DC axial fans FBA08A12H1A
12
7.0—13.8
173
2.08
2950
1.12
39.6
3.78
37.1
32.0
FBA08A12U1A
12
7.0—13.8
270
3.24
3450
1.33
46.9
4.80
47.0
38.2
FBA08A24L1A
24
14—27.6
54
1.30
1900
0.68
24.0
1.57
15.4
21.0
FBA08A24M1A
24
14—27.6
71
1.70
2450
0.91
32.1
2.51
24.6
28.0
FBA08A24H1A
24
14—27.6
105
2.52
2950
1.12
39.6
3.78
37.1
32.0
FBA08T
FBA08T12L
12
7.0—13.8
79
0.95
2000
0.62
21.9
1.55
15.2
23.0
80mm
FBA08T12H
12
7.0—13.8
200
2.40
3100
0.95
33.5
3.20
31.4
34.0
Thin
FBA08T24L
24
14—27.6
47
1.13
2000
0.62
21.9
1.55
15.2
23.0
FBA08T24H
24
14—27.6
110
2.64
3100
0.95
33.5
3.20
31.4
34.0
FBA09A
FBA09A12L1A
12
7.0—13.8
110
1.32
2100
1.21
42.7
2.30
22.6
27.0
90mm
FBA09A12M1A
12
7.0—13.8
150
1.80
2450
1.36
48.0
3.00
29.4
30.0
DC axial fans FBA09A12H1A
12
7.0—13.8
225
2.70
2850
1.61
56.8
3.98
39.0
35.0
FBA09A12U1A
12
7.0—13.8
430
5.16
3450
1.95
68.8
5.0
49.0
43.0
FBA09A24L1A
24
14—27.6
80
1.92
2100
1.21
42.7
2.30
22.6
27.0
FBA09A24M1A
24
14—27.6
110
2.64
2450
1.36
48.0
3.00
29.4
30.0
FBA09A24H1A
24
14—27.6
140
3.36
2850
1.61
56.8
3.98
39.0
35.0
FBA12G
FBA12G12L1A
12
7.0—13.8
180
2.16
1700
1.95
68.9
3.30
32.4
30.0
120mm
FBA12G12M1A
12
7.0—13.8
340
4.08
2100
2.45
86.5
4.80
47.1
35.5
DC axial fans FBA12G12H1A
12
7.0—13.8
460
5.52
2500
2.94
103.8
6.80
66.7
41.5
FBA12G12U1A
12
7.0—13.8
510
6.12
2750
3.25
114.7
8.0
38.0
45.5
FBA12G24L1A
24
14—27.6
110
2.64
1700
1.95
68.9
3.30
32.4
30.0
FBA12G24M1A
24
14—27.6
160
3.84
2100
2.45
86.5
4.80
47.1
35.5
FBA12G24H1A
24
14—27.6
230
5.52
2500
2.94
103.8
6.80
66.7
41.5
Locked
Rotor
Alarm
Sensor
28


Similar Part No. - FBA06A12H1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBA06T12H ETC2-FBA06T12H Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
FBA06T12HS ETC2-FBA06T12HS Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
FBA06T12L ETC2-FBA06T12L Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
FBA06T24H ETC2-FBA06T24H Datasheet
27Kb / 1P
   To show details, place the mouse cursor on each item of the part number. Click "Display All" button to show all details
FBA06T24H ETC2-FBA06T24H Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
More results

Similar Description - FBA06A12H1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM4515-04W ETC2-BM4515-04W Datasheet
262Kb / 1P
   Allowable Ambient Temperature Range
logo
Freescale Semiconductor...
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
74405042033 WURTH-74405042033 Datasheet
323Kb / 5P
   Ambient Temperature
74406032330 WURTH-74406032330 Datasheet
324Kb / 5P
   Ambient Temperature
logo
Freescale Semiconductor...
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Texas Instruments
TPS7A6650H-Q1 TI1-TPS7A6650H-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
logo
Golledge Electronics Lt...
MP01779 GOLLEDGE-MP01779 Datasheet
59Kb / 3P
   Ambient Temperature: 25째C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com