Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F600-D4N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # F600-D4N
Description  RELAY - NONLATCH 6 PDT, 10 AMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600-D4N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  F600-D4N Datasheet HTML 1Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 2Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 3Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 4Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 5Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 6Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 7Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 8Page - List of Unclassifed Manufacturers F600-D4N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SCHEMATIC DIAGRAM
F600
NUMBERING SYSTEM
F600 - B
4
A
C
Basic series designation__________________________|
|
|
|
|
1-Mounting Style (A,B,C,D,K)____________________________|
|
|
|
2-Terminal Types (1,2,4,8)__________________________________|
|
|
3-Coil Voltage (B,A,N,E,V)______________________________________|
|
4-See Note [4] Below________________________________________________|
NOTES
1 - Relays with mounting styles B,C,D and terminal type 4 are compatible with socket families S600, SF600...
2 - Isolation spacer pads for PCB mounting available on request.
3 - For other mounting styles or terminal types, please contact the factory.
[4] -
Options
C: Circuit breaker compatibility 15 A / 1 hour; 50 A / 5 sec; 100 A / 1.2 sec; 250 A / 0.2 sec;
350 A /0.1 sec; 1400 A /2 msec
D: low level: 1 mAmp / 30 mV
H: High current version, 15 Amps resistive contact rating
TYPICAL CHARACTERISTICS (Vdc)
G
Coil resistance temperature change: See application note no. 001
G
L/R ratio for all types of DC coils is: ~ 11 ms.
G
Switching life for operation on DC voltage other than 28V: See application note no. 002
Date of issue: 01/07
- 108 -
Page 4 of 4
3
D
E
F
-X2
+
B
C
A
1
3
+X1 2
D
E
F
-X2
B
C
+
A
1 +X1 2
CE
BOTTOM VIEW, DE-ENERGIZED COIL
N COIL
CE : EXPORTED SPIKES
SUPPRESSOR DEVICE


Similar Part No. - F600-D4N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
F600BNS-8030Z TOKO-F600BNS-8030Z Datasheet
41Kb / 3P
   Variable Coils
F600BNS-8031Z TOKO-F600BNS-8031Z Datasheet
41Kb / 3P
   Variable Coils
F600BNS-8032Z TOKO-F600BNS-8032Z Datasheet
41Kb / 3P
   Variable Coils
F600BNS-8033Z TOKO-F600BNS-8033Z Datasheet
41Kb / 3P
   Variable Coils
F600ENS-8096Z TOKO-F600ENS-8096Z Datasheet
41Kb / 3P
   Variable Coils
More results

Similar Description - F600-D4N

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KA-A1F LEACH-KA-A1F Datasheet
699Kb / 5P
   RELAY – NONLATCH – AC COIL 4 PDT, 10 AMP
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
   RELAY – NONLATCH 4 PDT, 15 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
   RELAY – NONLATCH 4 PDT, 12 AMP
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
logo
Leach International Cor...
YCA LEACH-YCA Datasheet
438Kb / 5P
   RELAY - NONLATCH - AC COIL 3 PDT, LOW LEVEL TO 10 AMP
logo
List of Unclassifed Man...
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
   RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
logo
Leach International Cor...
9330 LEACH-9330 Datasheet
375Kb / 6P
   RELAY – NONLATCH 10 AMP, 2PDT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com