Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N527 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # N527
Description  Green Glow Lamps(with Resistor)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

N527 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  N527 Datasheet HTML 1Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Green Glow Lamps
Breakdown V
Line
Part
Color
Color
Circuit
Maximum
Current
Series Resistor
Average
No.
No.
Off
On
Voltage
AC
DC
mA
115V
220V
Life (hours)
mcd
Drawing
5
N507
White
Green
90-115/220
80
---
0.6
82k
120k
20,000
3.0
E
6
N527
White
Green
90-115/220
85
110
1.2
47k
120k
15,000
3.0
F
7
N521
White
Green
90-115/220
85
110
1.2
47k
120k
15,000
3.0
G
8
N523
White
Green
90-115/220
85
110
1.2
47k
120k
15,000
3.0
H
Green Glow Lamps with Resistor
Breakdown V
Line
Part
Color
Color
Circuit
Maximum
Current
Series Resistor
Average
No.
No.
Off
On
Voltage
AC
DC
mA
115V
Life (hours)
mcd
Drawing
9
N527R1
White
Green
90-115
85
110
1.2
47k
15,000
3.0
B
10
N521R1
White
Green
90-115
85
110
1.2
47k
15,000
3.0
C
11
N523R1
White
Green
90-115
85
110
1.2
47k
15,000
3.0
D
H
G
F
E


Similar Part No. - N527

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N520-01M TRIPPLITE-N520-01M Datasheet
165Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
N520-02M TRIPPLITE-N520-02M Datasheet
167Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N520-03M TRIPPLITE-N520-03M Datasheet
166Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N520-04M TRIPPLITE-N520-04M Datasheet
169Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 4M (13-ft.)
N520-05M TRIPPLITE-N520-05M Datasheet
167Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 5M (16-ft.)
More results

Similar Description - N527

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N517 GILWAY-N517 Datasheet
84Kb / 1P
   Neon Glow Lamps (High Brightness) with Dark Effect
N513 GILWAY-N513 Datasheet
108Kb / 1P
   Neon Glow Lamps (Standard Brightness)
logo
Yellow Stone Corp
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
BR-HG033-05V YSTONE-BR-HG033-05V Datasheet
706Kb / 1P
   SURFACE MOUNT RESISTOR CHIP LED LAMPS
logo
QT Optoelectronics
MR5000 QT-MR5000 Datasheet
145Kb / 3P
   SUBMINIATURE T-3/4 RESISTOR LAMPS
logo
PHOENIX CONTACT
2941523 PHOENIX-2941523 Datasheet
121Kb / 4P
   Rail-mountable double socket, with glow lamp, green housing
logo
Lucky Light Electronic
GB-R224 LUCKY-LIGHT-GB-R224 Datasheet
42Kb / 1P
   Round Type Integrated Resistor LED LED Lamps (3mm)
logo
QT Optoelectronics
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
   subminiature t-3/4 5-volt resistor lamps
logo
Lucky Light Electronic
GB-R333 LUCKY-LIGHT-GB-R333 Datasheet
42Kb / 1P
   Round Type Integrated Resistor LED LED Lamps (5mm)
logo
List of Unclassifed Man...
KNB1530 ETC1-KNB1530 Datasheet
92Kb / 2P
   With discharge resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com