Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE8600N2 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE8600N2
Description  High Power Infrared Emitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE8600N2 Datasheet(HTML) 1 Page - Marktech Corporate

  MTE8600N2 Datasheet HTML 1Page - Marktech Corporate MTE8600N2 Datasheet HTML 2Page - Marktech Corporate MTE8600N2 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
100
mA
Forward Current (Pulse)*1
IFP
1
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
190
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec. *2: Time 5Sec max, Position: Up to 3mm from the body.
High Power Infrared Emitter
Product No:
MTE8600N2
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=50mA
--
18.0
--
mW
Forward Voltage
VF
IF=50mA
--
1.45
1.9
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=50mA
--
850
--
nm
Spectral Line Half Width
λ
IF=50mA
--
30
--
nm
Half Intensity Beam Angle
Ө
IF=50mA
--
±55
--
deg
2012-05-17
FEATURES
> High Output Power
> Wide Beam Angle
> High Reliability
APPLICATIONS
> Optical Switches & Sensors
> Fiber Optical Communication
Peak Emission Wavelength: 860nm
The MTE8600N2 consists of a 860nm high output infrared die in a water-clear 5mm flat top plastic
molded package. Custom package solutions and sorting are available.


Similar Part No. - MTE8600N2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600N2 MARKTECH-MTE8600N2 Datasheet
669Kb / 3P
   Peak Emission Wavelength: 860nm
MTE8600N2 MARKTECH-MTE8600N2_15 Datasheet
607Kb / 3P
   High Power Infrared Emitter
More results

Similar Description - MTE8600N2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
   High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
   High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
   High Power Infrared Emitter
logo
OSRAM GmbH
SFH4257 OSRAM-SFH4257_17 Datasheet
432Kb / 13P
   High Power Infrared Emitter
SFH4259 OSRAM-SFH4259 Datasheet
449Kb / 13P
   High Power Infrared Emitter
SFH4278S OSRAM-SFH4278S Datasheet
430Kb / 13P
   High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
   High Power Infrared Emitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com