Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08L060 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08L060
Description  8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08L060 Datasheet(HTML) 3 Page - Texas Instruments

  ADC08L060 Datasheet HTML 1Page - Texas Instruments ADC08L060 Datasheet HTML 2Page - Texas Instruments ADC08L060 Datasheet HTML 3Page - Texas Instruments ADC08L060 Datasheet HTML 4Page - Texas Instruments ADC08L060 Datasheet HTML 5Page - Texas Instruments ADC08L060 Datasheet HTML 6Page - Texas Instruments ADC08L060 Datasheet HTML 7Page - Texas Instruments ADC08L060 Datasheet HTML 8Page - Texas Instruments ADC08L060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
GND
VA
ADC08L060
www.ti.com
SNAS167G – MAY 2002 – REVISED MARCH 2013
Table 1. Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
6
VIN
Analog signal input. Conversion range is VRB to VRT.
Analog Input that is the high (top) side of the reference ladder of the
ADC. Nominal range is 0.5V to VA. Voltage on VRT and VRB inputs
3
VRT
define the VIN conversion range. Bypass well. See Section 2.0 for
more information.
Mid-point of the reference ladder. This pin should be bypassed to a
9
VRM
quiet point in the analog ground plane with a 0.1 µF capacitor.
Analog Input that is the low side (bottom) of the reference ladder of
the ADC. Nominal range is 0.0V to (VRT – 0.5V). Voltage on VRT
10
VRB
and VRB inputs define the VIN conversion range. Bypass well. See
Section 2.0 for more information.
Power Down input. When this pin is high, the converter is in the
23
PD
Power Down mode and the data output pins hold the last
conversion result.
CMOS/TTL compatible digital clock Input. VIN is sampled on the
24
CLK
rising edge of CLK input.
13 thru 16
Conversion data digital Output pins. D0 is the LSB, D7 is the MSB.
and
D0–D7
Valid data is output after the rising edge of the CLK input.
19 thru 22
7
VIN GND
Reference ground for the single-ended analog input, VIN.
Positive analog supply pin. Connect to a quiet voltage source of
+3V. VA should be bypassed with a 0.1 µF ceramic chip capacitor
1, 4, 12
VA
for each pin, plus one 10 µF capacitor. See Section 3.0 for more
information.
Power supply for the output drivers. If connected to VA, decouple
18
VDR
well from VA.
17
DR GND
The ground return for the output driver supply.
2, 5, 8, 11
AGND
The ground return for the analog supply.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC08L060


Similar Part No. - ADC08L060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08L060CIMT NSC-ADC08L060CIMT Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060CIMT NSC-ADC08L060CIMT Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC08L060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com