Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1175CIMTC Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC1175CIMTC
Description  8-Bit, 20MHz, 60mW A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC1175CIMTC Datasheet(HTML) 3 Page - Texas Instruments

  ADC1175CIMTC Datasheet HTML 1Page - Texas Instruments ADC1175CIMTC Datasheet HTML 2Page - Texas Instruments ADC1175CIMTC Datasheet HTML 3Page - Texas Instruments ADC1175CIMTC Datasheet HTML 4Page - Texas Instruments ADC1175CIMTC Datasheet HTML 5Page - Texas Instruments ADC1175CIMTC Datasheet HTML 6Page - Texas Instruments ADC1175CIMTC Datasheet HTML 7Page - Texas Instruments ADC1175CIMTC Datasheet HTML 8Page - Texas Instruments ADC1175CIMTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DVDD
DVSS
1
ADC1175
www.ti.com
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS (continued)
Pin
Symbol
Equivalent Circuit
Description
No.
Analog Input that is the high (top) side of the reference ladder
of the ADC. Nominal range is 1.0V to AVDD. Voltage on VRT
17
VRT
and VRB inputs define the VIN conversion range. Bypass well.
See REFERENCE INPUTS for more information.
Analog Input that is the low (bottom) side of the reference
ladder of the ADC. Nominal range is 0V to 4.0V. Voltage on
23
VRB
VRT and VRB inputs define the VIN conversion range. Bypass
well. See REFERENCE INPUTS for more information.
Reference Bottom Bias with internal pull down resistor. Short
22
VRBS
to VRB to self bias the reference ladder.
CMOS/TTL compatible Digital input that, when low, enables
1
OE
the digital outputs of the ADC1175. When high, the outputs
are in a high impedance state.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC1175


Similar Part No. - ADC1175CIMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175CIMTC NSC-ADC1175CIMTC Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTCX NSC-ADC1175CIMTCX Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
More results

Similar Description - ADC1175CIMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com