Electronic Components Datasheet Search |
|
ADC08060CIMT Datasheet(PDF) 7 Page - Texas Instruments |
|
ADC08060CIMT Datasheet(HTML) 7 Page - Texas Instruments |
7 / 29 page ADC08060 www.ti.com SNAS120H – OCTOBER 2000 – REVISED MARCH 2013 Converter Electrical Characteristics (continued) The following specifications apply for VA = DR VD = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 60 MHz at 50% duty cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TA = 25°C (1)(2)(3) Units Symbol Parameter Conditions Typical (4) Limits (4) (Limits) POWER SUPPLY CHARACTERISTICS DC Input 25 31 mA (max) IA Analog Supply Current fIN = 10 MHz, VIN = −3 dBFS 25 mA DC Input 0.3 1 mA (max) DR ID Output Driver Supply Current fIN = 10 MHz, VIN = 3 dBFS (5) 4.4 mA DC Input 25.3 32 mA (max) IA + DRID Total Operating Current fIN = 10 MHz, VIN = −3 dBFS, PD = Low 29.4 mA (max) CLK Low, PD = Hi 0.2 DC Input 76 96 mW (max) PC Power Consumption fIN = 10 MHz, VIN = −3 dBFS, PD = Low 88 mW CLK Low, PD = Hi 0.6 mW PSRR1 Power Supply Rejection Ratio FSE change with 2.7V to 3.3V change in VA 54 dB SNR change with 200 mV at 200 kHz on PSRR2 Power Supply Rejection Ratio 45 dB supply AC ELECTRICAL CHARACTERISTICS fC1 Maximum Conversion Rate 70 60 MHz (min) fC2 Minimum Conversion Rate 20 MHz tCL Minimum Clock Low Time 6.7 ns (min) tCH Minimum Clock High Time 6.7 ns (min) tOH Output Hold Time CLK Rise to Data Invalid 4.4 ns tOD Output Delay CLK Rise to Data Valid 8.2 12 ns (max) Pipeline Delay (Latency) 2.5 Clock Cycles tAD Sampling (Aperture) Delay CLK Fall to Acquisition of Data 1.5 ns tAJ Aperture Jitter 2 ps rms (5) IDR is the current consumed by the switching of the output drivers and is primarily determined by the load capacitance on the output pins, the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent), IDR = VDR (CO x fO + C1 x f1 + … + C71 x f7) where VDR is the output driver power supply voltage, Cn is the total capacitance on any given output pin, and fn is the average frequency at which that pin is toggling. Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: ADC08060 |
Similar Part No. - ADC08060CIMT |
|
Similar Description - ADC08060CIMT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |