Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP813LCP-L Datasheet(PDF) 6 Page - Exar Corporation

Part # SP813LCP-L
Description  Low Power Microprocessor Supervisory Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP813LCP-L Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP813LCP-L Datasheet HTML 2Page - Exar Corporation SP813LCP-L Datasheet HTML 3Page - Exar Corporation SP813LCP-L Datasheet HTML 4Page - Exar Corporation SP813LCP-L Datasheet HTML 5Page - Exar Corporation SP813LCP-L Datasheet HTML 6Page - Exar Corporation SP813LCP-L Datasheet HTML 7Page - Exar Corporation SP813LCP-L Datasheet HTML 8Page - Exar Corporation SP813LCP-L Datasheet HTML 9Page - Exar Corporation SP813LCP-L Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
S
SP
P7
70
05
5--S
SP
P7
70
08
8--S
SP
P8
81
13
3L
L
L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
6/17
Rev. 2.0.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VIN = 2.7V to 5.5V, TJ = TA = 25°C, unless otherwise specified - Schematic and BOM from Application
Information section of this datasheet.
Fig. 4: Power-Fail Comparator
De-Assertion Response Time
Fig. 5: Power-Fail Comparator
De-Assertion Response Time Circuit
Fig. 6: Power-Fail Comparator
Assertion Response Time
Fig. 7: Power-Fail Comparator
Assertion Response Time Circuit
Fig. 8: SP705/707 RESET Output Voltage
vs. Supply Voltage
Fig. 9: SP705/707 RESET Output Voltage
vs. Supply Voltage Circuit


Similar Part No. - SP813LCP-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP813LCP-L/TR EXAR-SP813LCP-L/TR Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP813LCP-L

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP690A EXAR-SP690A Datasheet
406Kb / 16P
   Low Power Microprocessor Supervisory
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com