Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1590Z231BK Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1590Z231BK
Description  Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590Z231BK Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1590Z231BK Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590Z231BK Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590Z231BK Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590Z231BK Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590Z231BK Datasheet HTML 5Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NOTES:
1590Z100/119/120/140/150/160/162/164/166/231/235 have interior - full width panel mounting shelf (please refer to drawings).
1590Z060/061/062/110/130/135 have 2 interior - corner panel mounting (please refer to drawings).
Color Options :
1590Z120BK
1590Z120GY
Black
Grey
482K
541K
1,965K
YES
mm
125
80
45
15.5
1590Z063
1590Z063BK
1590Z063GY
Natural
Black
Grey
304K
197K
342K
NO
Inches 5.89
2.51
1.03
0.39
mm
150
64
26
10
1590Z160
1590Z160BK
1590Z160GY
Natural
Black
Grey
358K
174K
375K
YES
Inches 6.30
6.30
2.76
0.79
mm
160
160
70
20
1590Z130
1590Z130BK
1590Z130GY
Natural
Black
Grey
237K
177K
199K
NO
Inches 6.91
3.15
1.65
0.45
mm
176
80
42
12
1590Z135
1590Z135BK
1590Z135GY
Natural
Black
Grey
294K
188K
226K
NO
Inches 6.91
3.15
1.65
0.79
mm
176
80
42
20
1590Z231
1590Z231BK
1590Z231GY
Natural
Black
Grey
312K
175K
784K
YES
Inches 7.88
9.05
3.63
0.8
mm
200
230
92
20
1590Z150
1590Z150BK
1590Z150GY
Natural
Black
Grey
351K
218K
145K
YES
Inches 8.70
4.76
2.39
0.79
mm
221
121
60
20
1590Z140
1590Z140BK
1590Z140GY
Natural
Black
Grey
144K
188K
177K
YES
Inches 9.85
3.13
1.57
0.59
mm
250
80
40
15
1590Z162
1590Z162BK
1590Z162GY
Natural
Black
Grey
285K
171K
690K
YES
Inches 10.24
6.25
2.75
0.79
mm
260
159
70
20
1590Z235
1590Z235BK
1590Z235GY
Natural
Black
Grey
252K
239K
485K
YES
Inches 13.18
9.23
4.36
0.79
mm
335
235
111
20
1590Z166
1590Z166BK
1590Z166GY
Natural
Black
Grey
166K
170K
349K
YES
Inches 14.17
6.30
2.76
0.79
mm
360
160
70
20
1590Z164
1590Z164BK
1590Z164GY
Natural
Black
Grey
285K
186K
247K
YES
Inches 14.23
4.72
2.38
0.79
mm
361
120
60
20
Natural Finish
Black Satin
Smooth Grey
(RAL 7001)


Similar Part No. - 1590Z231BK

ManufacturerPart #DatasheetDescription
logo
Heyco.
1590 HEYCO-1590 Datasheet
116Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
Adels-Contact
159014 ADELS-159014 Datasheet
139Kb / 1P
   LEDtrack REEL/ 5 525 150 1P A75 C75
More results

Similar Description - 1590Z231BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
   DIECAST ALUMINUM ENCLOSURES
logo
CamdenBoss Ltd.
CHDX7 CAMDENBOSS-CHDX7 Datasheet
723Kb / 6P
   X7 series electrical heavy duty enclosures-polycarbonate
logo
Siemens Semiconductor G...
52BAK SIEMENS-52BAK Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
   Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
3M Electronics
438 3M-438 Datasheet
141Kb / 5P
   3M??Heavy Duty Aluminum Foil Tape 438
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
   200 Series Heavy Duty
logo
Laird Tech Smart Techno...
ODH9 LSTD-ODH9 Datasheet
537Kb / 1P
   Heavy duty aluminum extrusion with powder coat paint
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
   Extruded Aluminum Enclosures
logo
List of Unclassifed Man...
SL1021 ETC1-SL1021 Datasheet
78Kb / 2P
   Medium / Heavy Duty Arrester Series
logo
Bud Industries, Inc.
HD-7608 BUD-HD-7608 Datasheet
237Kb / 1P
   HD SERIES - HEAVY DUTY NEAMA
1/8/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com