Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1590Z135BK Datasheet(PDF) 4 Page - Hammond Manufacturing Ltd.

Part # 1590Z135BK
Description  Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590Z135BK Datasheet(HTML) 4 Page - Hammond Manufacturing Ltd.

  1590Z135BK Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590Z135BK Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590Z135BK Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590Z135BK Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590Z135BK Datasheet HTML 5Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Galvanized Steel Inner Panels:
NOTE: These panels do NOT fit our 1590Z "GRP" polyester series enclosures.
Replacement - Copper Grounding Screws:
Replacement - Gasket Kits:
Accessories
Panel
Part Number
Use With Enclosure Series
Description
1590Z100PL
1590Z62, 1590Z100
14 ga. galvanized steel inner panel
1590Z119PL
1590Z119
14 ga. galvanized steel inner panel
1590Z120PL
1590Z120
14 ga. galvanized steel inner panel
1590Z140PL
1590Z140
14 ga. galvanized steel inner panel
1590Z150PL
1590Z150
14 ga. galvanized steel inner panel
1590Z160PL
1590Z160
14 ga. galvanized steel inner panel
1590Z162PL
1590Z162
14 ga. galvanized steel inner panel
1590Z164PL
1590Z164
14 ga. galvanized steel inner panel
1590Z166PL
1590Z166
14 ga. galvanized steel inner panel
1590Z231PL
1590Z231
14 ga. galvanized steel inner panel
1590Z235PL
1590Z235
14 ga. galvanized steel inner panel
Screw Pack
Part Number
Use With Enclosure Series
Qty of copper screws
& washers
SCGM6
1590Z119, 1590Z135, 1590Z140, 1590Z150, 1590Z160,
1590Z162, 1590Z164, 1590Z231, 1590Z235
4
SCGM4
1590Z061, 1590Z062, 1590Z063, 1590Z100, 1590Z110,
1590Z120, 1590Z130
2
Gasket Kit
Part Number
Use With Enclosure Series
1590Z060G
1590Z060
1590Z061G
1590Z061
1590Z062G
1590Z062
1590Z063G
1590Z063
1590Z100G
1590Z100 or 1590Z110
1590Z119G
1590Z119
1590Z120G
1590Z120
1590Z130G
1590Z130 or 1590Z135
1590Z140G
1590Z140
1590Z150G
1590Z150
1590Z160G
1590Z160
1590Z162G
1590Z162
1590Z164G
1590Z164
1590Z166G
1590Z166


Similar Part No. - 1590Z135BK

ManufacturerPart #DatasheetDescription
logo
Heyco.
1590 HEYCO-1590 Datasheet
116Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
Adels-Contact
159014 ADELS-159014 Datasheet
139Kb / 1P
   LEDtrack REEL/ 5 525 150 1P A75 C75
More results

Similar Description - 1590Z135BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
   DIECAST ALUMINUM ENCLOSURES
logo
CamdenBoss Ltd.
CHDX7 CAMDENBOSS-CHDX7 Datasheet
723Kb / 6P
   X7 series electrical heavy duty enclosures-polycarbonate
logo
Siemens Semiconductor G...
52BAK SIEMENS-52BAK Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
   Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
3M Electronics
438 3M-438 Datasheet
141Kb / 5P
   3M??Heavy Duty Aluminum Foil Tape 438
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
   200 Series Heavy Duty
logo
Laird Tech Smart Techno...
ODH9 LSTD-ODH9 Datasheet
537Kb / 1P
   Heavy duty aluminum extrusion with powder coat paint
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
   Extruded Aluminum Enclosures
logo
List of Unclassifed Man...
SL1021 ETC1-SL1021 Datasheet
78Kb / 2P
   Medium / Heavy Duty Arrester Series
logo
Bud Industries, Inc.
HD-7608 BUD-HD-7608 Datasheet
237Kb / 1P
   HD SERIES - HEAVY DUTY NEAMA
1/8/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com