Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF21 Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # SF21
Description  VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF21 Datasheet(HTML) 5 Page - Rectron Semiconductor

  SF21 Datasheet HTML 1Page - Rectron Semiconductor SF21 Datasheet HTML 2Page - Rectron Semiconductor SF21 Datasheet HTML 3Page - Rectron Semiconductor SF21 Datasheet HTML 4Page - Rectron Semiconductor SF21 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Rectron:
SF24-T SF23-T SF23-B SF25-T SF21-T SF25-B SF21-B SF24-B SF26-B SF22-B SF22-T SF26-T SF23
SF27 SF27-T SF27-B


Similar Part No. - SF21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
Yangzhou yangjie electr...
SF21 YANGJIE-SF21 Datasheet
202Kb / 2P
   Super Fast Rectifier
logo
Shenzhen Ping Sheng Ele...
SF21 PFS-SF21 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
SF21 LRC-SF21 Datasheet
55Kb / 2P
   SUPER FAST DIODES
SF21 LRC-SF21 Datasheet
325Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results

Similar Description - SF21

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
RS201-01 WILLAS-RS201-01 Datasheet
220Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
   VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
1N4933G DAESAN-1N4933G Datasheet
321Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SF11 DAESAN-SF11 Datasheet
230Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SM4933 DAESAN-SM4933 Datasheet
293Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
logo
Yea Shin Technology Co....
E2A YEASHIN-E2A Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
DAESAN ELECTRONIC CORP.
SF21 DAESAN-SF21 Datasheet
315Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com