Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBG26A Datasheet(PDF) 3 Page - General Semiconductor

Part # SMBG26A
Description  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMBG26A Datasheet(HTML) 3 Page - General Semiconductor

  SMBG26A Datasheet HTML 1Page - General Semiconductor SMBG26A Datasheet HTML 2Page - General Semiconductor SMBG26A Datasheet HTML 3Page - General Semiconductor SMBG26A Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) TABLE 1 (Cont’d)
Breakdown
Maximum
Maximum
Device
Voltage
Reverse
Peak Pulse
Maximum
Device Type
Device Type
Marking
V(BR) (Volts)
Test
Stand-off
Leakage ID
Surge
Clamping
Gull Wing
Modified
Code
(NOTE 1)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
Lead
“J” Bend Lead
UNI
BI
(Min /Max)
at IT (mA)
VWM (Volts)
(
µA)(NOTE 3) (NOTE 2) (Amps)
VC (Volts)
SMBG54
SMBJ54
ND
60.0 / 73.3
1.0
54
5.0
6.2
96.3
SMBG54A
SMBJ54A
NE
60.0 / 66.3
1.0
54
5.0
6.9
87.1
SMBG58
SMBJ58
NF
64.4 / 78.7
1.0
58
5.0
5.8
103
SMBG58A
SMBJ58A
NG
64.4 / 71.2
1.0
58
5.0
6.4
93.6
SMBG60
SMBJ60
NH
66.7 / 81.5
1.0
60
5.0
5.6
107
SMBG60A
SMBJ60A
NK
66.7 / 73.7
1.0
60
5.0
6.2
96.8
SMBG64
SMBJ64
NL
71.1 / 86.9
1.0
64
5.0
5.3
114
SMBG64A
SMBJ64A
NM
71.1 / 78.6
1.0
64
5.0
5.8
103
SMBG70
SMBJ70
NN
77.8 / 95.1
1.0
70
5.0
4.8
125
SMBG70A
SMBJ70A
NP
77.8 / 86.0
1.0
70
5.0
5.3
113
SMBG75
SMBJ75
NQ
83.3 / 102
1.0
75
5.0
4.5
134
SMBG75A
SMBJ75A
NR
83.3 / 92.1
1.0
75
5.0
5.0
121
SMBG78
SMBJ78
NS
86.7 / 106
1.0
78
5.0
4.3
139
SMBG78A
SMBJ78A
NT
86.7 / 95.8
1.0
78
5.0
4.8
126
SMBG85
SMBJ85
NU
94.4 / 115
1.0
85
5.0
4.0
151
SMBG85A
SMBJ85A
NV
94.4 / 104
1.0
85
5.0
4.4
137
SMBG90
SMBJ90
NW
100 / 122
1.0
90
5.0
3.8
160
SMBG90A
SMBJ90A
NX
100 / 111
1.0
90
6.0
4.1
146
SMBG100
SMBJ100
NY
111 / 136
1.0
100
5.0
3.4
179
SMBG100A
SMBJ100A
NZ
111 / 123
1.0
100
5.0
3.7
162
SMBG110
SMBJ110
PD
122 / 149
1.0
110
5.0
3.1
196
SMBG110A
SMBJ110A
PE
122 / 135
1.0
110
5.0
3.4
177
SMBG120
SMBJ120
PF
133 / 163
1.0
120
5.0
2.8
214
SMBG120A
SMBJ120A
PG
133 / 147
1.0
120
5.0
3.1
193
SMBG130
SMBJ130
PH
144 / 176
1.0
130
5.0
2.6
231
SMBG130A
SMBJ130A
PK
144 / 159
1.0
130
5.0
2.9
209
SMBG150
SMBJ150
PL
167 / 204
1.0
150
5.0
2.2
268
SMBG150A
SMBJ150A
PM
167 / 185
1.0
150
5.0
2.5
243
SMBG160
SMBJ160
PN
178 / 218
1.0
160
5.0
2.1
287
SMBG160A
SMBJ160A
PP
178 / 197
1.0
160
5.0
2.3
259
SMBG170
SMBJ170
PQ
189 / 231
1.0
170
5.0
2.0
304
SMBG170A
SMBJ170A
PR
189 / 209
1.0
170
5.0
2.2
275
NOTES:
(1) V(BR) measured after IT applied for 300
µs square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled
(4) For the bi-directional SMBG/SMBJ5.0CA, the maximum V(BR) is 7.25 Volts
(5) All terms and symbols are consistent with ANSI/IEEE C62.35
APPLICATION N0TES
These surface mountable packages are designed specifically for transient voltage suppression. The wide leads assure a large sur-
face contact for good heat dissipation, and a low resistance path for surge current flow to ground. These high speed transient voltage
suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices.
A 600W (SMB) device is normally selected when the threat of transients is from lightening-induced transients conducted via external
leads or 1/0 lines. It is also used to protect against switching transients induced by large coils or industrial motors.
System impedance at component level in a system is usually high enough to limit the current to within the peak pulse current (IPP)
rating of this series.
RECOMMENDED PAD SIZES
The pad dimensions should be 0.010” (0.25mm) longer than the contact size, in the lead axis.
This allows a solder fillet to form, see Fig. below. Contact factory for soldering methods.
0.165" (4.19)
0.085" (2.16)
0.050" (1.27)
0.090" (2.28)
0.085" (2.16)
0.070" (1.78)
GULL- WING
MODIFIED J-BEND
ND
NE
NF
NG
NH
NK
NL
NM
NN
NP
NQ
NR
NS
NT
NU
NV
NW
NX
NY
NZ
PD
PE
PF
PG
PH
PK
PL
PM
PN
PP
PQ
PR


Similar Part No. - SMBG26A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMBG26A MICROSEMI-SMBG26A Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG26A MICROSEMI-SMBG26A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMBG26A VISHAY-SMBG26A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Microsemi Corporation
SMBG26A MICROSEMI-SMBG26A Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG26A MICROSEMI-SMBG26A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

Similar Description - SMBG26A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com