Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI60-04-FPIZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PI60-04-FPIZ
Description  8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI60-04-FPIZ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PI60-04-FPIZ Datasheet HTML 1Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 2Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 3Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 4Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 5Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 6Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 7Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 8Page - List of Unclassifed Manufacturers PI60-04-FPIZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
vicorpower.com
Rev 1.2
Cool-Power
®
800 735.6200
07/2013
Page 4 of 26
PI33XX-X1
Absolute Maximum Ratings
VIN
-0.7V to 36V
VS1
-0.7 to 36V, -4V for 5ns
SGND
100mA
PGD, SYNCO, SYNCI, EN, EAO, ADJ, TRK, ADR1, ADR2, SCL, SDA
-0.3V to 5.5V / 5mA
VOUT, REM
PI3311-X0-LGIZ
-0.3V to 5.5V
PI3318-X0-LGIZ
-0.5V to 9V
PI3312-X0-LGIZ
-0.8V to 13V
PI3301-X0-LGIZ
-1.0V to 18V
Storage Temperature
-65°C to 150°C
Operating Junction Temperature
-40°C to 125°C
Soldering Temperature for 20 seconds
245°C
ESD Rating
2kV HBM
Notes: At 25°C ambient temperature. Stresses beyond these limits may cause permanent damage to the device. Operation at these
conditions or conditions beyond those listed in the Electrical Specifications table is not guaranteed. All voltage nodes are referenced to
PGND unless otherwise noted. Test conditions are per the specifications within the individual product electrical characteristics.
Block Diagram
Figure 1: Simplified Block Diagram
(I
2C pins SCL, SDA, ADR0, and ADR1 only active for PI33XX-21 device versions)


Similar Part No. - PI60-04-FPIZ

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
logo
NIKO SEMICONDUCTOR CO.,...
PI608BZ NIKOSEM-PI608BZ Datasheet
369Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PI60-04-FPIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI33XX-01 VICOR-PI33XX-01 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI33XX-X0 ETC2-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com