Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3EQX4951B Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3EQX4951B
Description  3.3V, 1-port, SATA2 i/m ReDriver with Analog/Digital Configuration
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3EQX4951B Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3EQX4951B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3EQX4951B Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.pericom.com
PS9016B
12/09/10
7
PI3EQX4951B
3.3V, 1-Port, SATA2 i/m ReDriver™ with Analog/Digital Configuration
Test Condition Referenced in the Electrical Characteristic Table
D.U.T.
Signal
Source
SmA
Connector
In
Out
A
SmA
Connector
B
C
FR4
30IN
Standard Mode Implementation Diagram
xI+
xI-
EQ
xO+
xO-
x_EM
R3
MODE
Recommended coupling
capacitors are 4.7nF
Output
T/S/T 4/8/4 mil
FR4 PCB trace
Output
AWG 28 SATA
Cable
R3
< 6 inch
< 36 inch
0
> 6 inch
> 36 inch
open
Emphasis Setting for PCB Trace or Cable
VD+
Common Mode
Voltage
V_D+ - V_D-
0V
VCM
VDIFF
VD-
VDIFFp-p
VDIFFp-p
VD+
VCM
VDIFF
VD-
1stTBIT
2nd +TBIT(s)
VDIFF-PRE
Pre-emphasis = 20.Log(VDIFF-PRE/VDIFF)
Definition of Differential Voltage
and Differential Voltage Peak-to-Peak
Definition of Pre-emphasis
10-0248


Similar Part No. - PI3EQX4951B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQX4951ST PERICOM-PI3EQX4951ST Datasheet
499Kb / 9P
   3.3V, 1-port, SATA2 i/m ReDriver with Analog/Digital Configuration
PI3EQX4951STZDE PERICOM-PI3EQX4951STZDE Datasheet
499Kb / 9P
   3.3V, 1-port, SATA2 i/m ReDriver with Analog/Digital Configuration
More results

Similar Description - PI3EQX4951B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQX4951ST PERICOM-PI3EQX4951ST Datasheet
499Kb / 9P
   3.3V, 1-port, SATA2 i/m ReDriver with Analog/Digital Configuration
PI3EQX6801 PERICOM-PI3EQX6801 Datasheet
375Kb / 1P
   6.5Gbps, 1-port, 1.5V/3.3V SATA/SAS ReDriver
PI2EQX3431 PERICOM-PI2EQX3431 Datasheet
440Kb / 5P
   3.2Gbps, 1-port, SATA2/SAS Re-Driver
logo
Diodes Incorporated
PI3EQX6741ST DIODES-PI3EQX6741ST Datasheet
1,021Kb / 10P
   3.3V, 1-port, SATA Gen 3i ReDriver??with Adjustable Equalization/Pre-Emphasis
01/04/17
logo
Pericom Semiconductor C...
PI3EQX6741ST PERICOM-PI3EQX6741ST Datasheet
1Mb / 9P
   3.3V, 1-port, SATA Gen 3i ReDriver with Adjustable Equalization/Pre-Emphasis
PI3EQX7502M PERICOM-PI3EQX7502M Datasheet
663Kb / 1P
   5.0Gbps, 1-port, USB3.0 ReDriver
PI3EQX7502B PERICOM-PI3EQX7502B Datasheet
659Kb / 1P
   5.0Gbps, 1-port, USB3.0 ReDriver
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
   1-Port USB3.2 Gen2 ReDriver
August 2020
logo
NXP Semiconductors
PTN3222 NXP-PTN3222 Datasheet
1Mb / 55P
   1-port eUSB2 to USB2 redriver
Rev. 1.2 - 11 August 2023
logo
Pericom Semiconductor C...
PI1EQX512A PERICOM-PI1EQX512A Datasheet
641Kb / 1P
   1.0V, 5.0Gbps, 1-port, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com