Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2300SALRP Datasheet(PDF) 1 Page - Littelfuse

Part # P2300SALRP
Description  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2300SALRP Datasheet(HTML) 1 Page - Littelfuse

  P2300SALRP Datasheet HTML 1Page - Littelfuse P2300SALRP Datasheet HTML 2Page - Littelfuse P2300SALRP Datasheet HTML 3Page - Littelfuse P2300SALRP Datasheet HTML 4Page - Littelfuse P2300SALRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® Protection Thyristors
1
Revised: 08/07/14
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Baseband Protection (Voice-DS1)
SIDACtor® Series, DO-214
Electrical Characteristics
SIDACtor®Series - DO-214
SIDACtor® Series DO-214AA are designed to protect
baseband equipment such as modems, line cards, CPE and
DSL from damaging overvoltage transients.
The series provides a surface mount solution that enables
equipment to comply with global regulatory standards.
Description
AGENCY
AGENCY FILE NUMBER
E133083
Agency Approvals
Features and Benefits
• Low voltage overshoot
• Low on-state voltage
• Does not degrade surge
capability after multiple
surge events within
limit.
• Fails short circuit when
surged in excess of
ratings
• Low capacitance
• 2nd level interconnect is
Pb-free per IPC/JEDEC
J-STD-609A.01
Part Number
Marking
V
DRM
@l
DRM=5µA
V
S
@100V/µs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min
mA max
A max
V max
pF min
pF max
P0080SALRP
P-8A
6
25
50
800
2.2
4
25
35
P0220SALRP
P22A
15
32
50
800
2.2
4
25
150
P0300SALRP
P03A
25
40
50
800
2.2
4
15
140
P0640SALRP
P06A
58
77
150
800
2.2
4
40
60
P0720SALRP
P07A
65
88
150
800
2.2
4
35
60
P0900SALRP
P09A
75
98
150
800
2.2
4
25
55
P1100SALRP
P11A
90
130
150
800
2.2
4
30
50
P1300SALRP
P13A
120
160
150
800
2.2
4
25
45
P1500SALRP
P15A
140
180
150
800
2.2
4
25
40
P1800SALRP
P18A
170
220
150
800
2.2
4
25
35
P2100SALRP
P21A
180
240
150
800
2.2
4
20
35
P2300SALRP
P23A
190
260
150
800
2.2
4
25
35
P2600SALRP
P26A
220
300
150
800
2.2
4
20
35
P3100SALRP
P31A
275
350
150
800
2.2
4
15
50
P3500SALRP
P35A
320
400
150
800
2.2
4
15
50
P0080SBLRP
P-8B
6
25
50
800
2.2
4
25
150
P0220SBLRP
P22B
15
32
50
800
2.2
4
25
150
P0300SBLRP
P03B
25
40
50
800
2.2
4
15
140
P0640SBLRP
P06B
58
77
150
800
2.2
4
40
80
P0720SBLRP
P07B
65
88
150
800
2.2
4
35
75
Applicable Global Standards
• TIA-968-A
• TIA-968-B
• ITU K.20/21 Enhanced
Level*
• ITU K.20/21 Basic Level
• GR 1089 Inter-building*
• GR 1089 Intra-building
• IEC 61000-4-5
• YD/T 1082
• YD/T 993
• YD/T 950
*A/B-rated parts require series resistance
Pinout Designation
Schematic Symbol
Not Applicable
Table continues on next page.
RoHS
e3
Pb


Similar Part No. - P2300SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2300SALRP LITTELFUSE-P2300SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P2300SALRP LITTELFUSE-P2300SALRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
P2300SALRP LITTELFUSE-P2300SALRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P2300SALRP HUAXINAN-P2300SALRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P2300SALRP LITTELFUSE-P2300SALRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P2300SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com