Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE2081-OH5 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE2081-OH5
Description  Infrared LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE2081-OH5 Datasheet(HTML) 1 Page - Marktech Corporate

  MTE2081-OH5 Datasheet HTML 1Page - Marktech Corporate MTE2081-OH5 Datasheet HTML 2Page - Marktech Corporate MTE2081-OH5 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
100
mA
Forward Current (Pulse)*1
IFP
1
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
180
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
Peak Emission Wavelength: 810nm
The MTE2081-OH5 consists of a 810nm high output infrared die in a water-clear 5mm plastic molded
package. Custom package solutions and sorting are available.
FEATURES
> High Output Power
> Narrow Beam Angle
> High Reliability
> Excellent Optical / Mechanical Axis Alignment
APPLICATIONS
> Optical Switches & Sensors
> Optical Position Sensing / Security Systems
> Medical Applications / Optical Communication
> Currency Validation / Light Curtain
Infrared LED
Product No:
MTE2081-OH5
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=50mA
--
20.0
--
mW
Forward Voltage
VF
IF=50mA
--
1.55
1.9
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=50mA
--
810
--
nm
Spectral Line Half Width
λ
IF=50mA
--
40
--
nm
Half Intensity Beam Angle
Ө
IF=50mA
--
±7
--
deg
*1: Tw=10µsec, T=10msec. *2: Time 5Sec max, Position: Up to 3mm from the body.
2011-02-16


Similar Part No. - MTE2081-OH5

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Peak Emission Wavelength: 810nm
MTE2081-OH5 MARKTECH-MTE2081-OH5_15 Datasheet
755Kb / 3P
   Infrared LED
More results

Similar Description - MTE2081-OH5

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com