Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0720SALRP Datasheet(PDF) 2 Page - Littelfuse

Part # P0720SALRP
Description  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0720SALRP Datasheet(HTML) 2 Page - Littelfuse

  P0720SALRP Datasheet HTML 1Page - Littelfuse P0720SALRP Datasheet HTML 2Page - Littelfuse P0720SALRP Datasheet HTML 3Page - Littelfuse P0720SALRP Datasheet HTML 4Page - Littelfuse P0720SALRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® Protection Thyristors
2
Revised: 08/07/14
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Baseband Protection (Voice-DS1)
SIDACtor® Series, DO-214
Electrical Parameters (continued)
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
Amps/µs max
A
20
150
150
90
50
75
75
45
75
20
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200 3
30
500
Notes:
1 Current waveform in µs
2 Voltage waveform in µs
3 For surge rating of P4500SCLRP 10x700µs min=150A & typical=180A
For surge rating of P4500SCLHLRP 10x700µs min=150A
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40°C < T
J < +150°C
Part Number
Marking
V
DRM
@l
DRM=5µA
V
S
@100V/µs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min
mA max
A max
V max
pF min
pF max
P0900SBLRP
P09B
75
98
150
800
2.2
4
35
70
P1100SBLRP
P11B
90
130
150
800
2.2
4
30
70
P1300SBLRP
P13B
120
160
150
800
2.2
4
25
60
P1500SBLRP
P15B
140
180
150
800
2.2
4
25
55
P1800SBLRP
P18B
170
220
150
800
2.2
4
25
50
P2100SBLRP
P21B
180
240
150
800
2.2
4
20
35
P2300SBLRP
P23B
190
260
150
800
2.2
4
25
50
P2600SBLRP
P26B
220
300
150
800
2.2
4
20
45
P3100SBLRP
P31B
275
350
150
800
2.2
4
20
45
P3500SBLRP
P35B
320
400
150
800
2.2
4
20
40
P4500SBLRP
P45B
400
530
150
800
2.2
4
20
65
P0080SCLRP
P-8C
6
25
50
800
2.2
4
45
260
P0220SCLRP
P22C
15
32
50
800
2.2
4
30
240
P0300SCLRP
P03C
25
40
50
800
2.2
4
25
250
P0640SCLRP
P06C
58
77
150
800
2.2
4
55
155
P0720SCLRP
P07C
65
88
150
800
2.2
4
50
150
P0900SCLRP
P09C
75
98
150
800
2.2
4
45
140
P1100SCLRP
P11C
90
130
150
800
2.2
4
45
115
P1300SCLRP
P13C
120
160
150
800
2.2
4
40
105
P1500SCLRP
P15C
140
180
150
800
2.2
4
35
95
P1800SCLRP
P18C
170
220
150
800
2.2
4
35
90
P2100SCLRP
P21C
180
240
150
800
2.2
4
30
90
P2300SCLRP
P23C
190
260
150
800
2.2
4
30
80
P2600SCLRP
P26C
220
300
150
800
2.2
4
30
80
P3100SCLRP
P31C
275
350
150
800
2.2
4
30
70
P3500SCLRP
P35C
320
400
150
800
2.2
4
25
65
P4500SCLRP
P45C
400
530
150
800
2.2
4
25
65
P4500SCLHLRP*
P45L
400
530
50
800
2.2
4
20
65
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional.
- * P4500SCLHLRP is low IH product


Similar Part No. - P0720SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0720SALRP LITTELFUSE-P0720SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P0720SALRP LITTELFUSE-P0720SALRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
P0720SALRP LITTELFUSE-P0720SALRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P0720SALRP HUAXINAN-P0720SALRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0720SALRP LITTELFUSE-P0720SALRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P0720SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com